Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM5510N-2.0ST23RG Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM5510N-2.0ST23RG
Description  STANDARD VOLTAGE DETECTOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM5510N-2.0ST23RG Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM5510N-2.0ST23RG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM5510N-2.0ST23RG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM5510N-2.0ST23RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM5510N-2.0ST23RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM5510N-2.0ST23RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM5510N-2.0ST23RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM5510N-2.0ST23RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM5510N-2.0ST23RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM5510N-2.0ST23RG Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
GM5510
STANDARD
VOLTAGE DETECTORS
Ordering Information – Pb Free Products (continued)
Ordering Number
Output
Configuration
Detect
Voltage
Voltage
Suffix
Package
Shipping
GM5510N-1.8ST23R
N-CH Open Drain
1.8V
C
SOT-23
3,000 Units / Reel
GM5510N-2.0ST23R
N-CH Open Drain
2.0V
E
SOT-23
3,000 Units / Reel
GM5510N-2.7ST23R
N-CH Open Drain
2.7V
K
SOT-23
3,000 Units / Reel
GM5510N-2.9ST23R
N-CH Open Drain
2.9V
M
SOT-23
3,000 Units / Reel
GM5510N-2.93ST23R
N-CH Open Drain
2.93V
S
SOT-23
3,000 Units / Reel
GM5510N-3.0ST23R
N-CH Open Drain
3.0V
N
SOT-23
3,000 Units / Reel
GM5510N-3.08ST23R
N-CH Open Drain
3.08V
P
SOT-23
3,000 Units / Reel
GM5510N-3.3ST23R
N-CH Open Drain
3.3V
Q
SOT-23
3,000 Units / Reel
GM5510N-3.6ST23R
N-CH Open Drain
3.6V
T
SOT-23
3,000 Units / Reel
GM5510N-4.0ST23R
N-CH Open Drain
4.0V
X
SOT-23
3,000 Units / Reel
GM5510N-4.1ST23R
N-CH Open Drain
4.1V
Y
SOT-23
3,000 Units / Reel
GM5510N-4.2ST23R
N-CH Open Drain
4.2V
Z
SOT-23
3,000 Units / Reel
GM5510N-1.8ST89R
N-CH Open Drain
1.8V
18
SOT89
1,000 Units / Reel
GM5510N-2.0ST89R
N-CH Open Drain
2.0V
20
SOT89
1,000 Units / Reel
GM5510N-2.7ST89R
N-CH Open Drain
2.7V
27
SOT89
1,000 Units / Reel
GM5510N-2.9ST89R
N-CH Open Drain
2.9V
29
SOT89
1,000 Units / Reel
GM5510N-3.0ST89R
N-CH Open Drain
3.0V
30
SOT89
1,000 Units / Reel
GM5510N-3.08ST89R
N-CH Open Drain
3.08V
31
SOT89
1,000 Units / Reel
GM5510N-3.3ST89R
N-CH Open Drain
3.3V
33
SOT89
1,000 Units / Reel
GM5510N-3.6ST89R
N-CH Open Drain
3.6V
36
SOT89
1,000 Units / Reel
GM5510N-4.0ST89R
N-CH Open Drain
4.0V
40
SOT89
1,000 Units / Reel
GM5510N-4.1ST89R
N-CH Open Drain
4.1V
41
SOT89
1,000 Units / Reel
GM5510N-4.2ST89R
N-CH Open Drain
4.2V
42
SOT89
1,000 Units / Reel


Similar Part No. - GM5510N-2.0ST23RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM5510N-2.0ST23R GAMMA-GM5510N-2.0ST23R Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
More results

Similar Description - GM5510N-2.0ST23RG

ManufacturerPart #DatasheetDescription
logo
AUK corp
S71XXSF AUK-S71XXSF Datasheet
255Kb / 5P
   Standard Voltage Detector
S72NXX AUK-S72NXX Datasheet
348Kb / 7P
   Standard Voltage Detector
S71XXF AUK-S71XXF Datasheet
256Kb / 5P
   Standard Voltage Detector
S72NXXN AUK-S72NXXN Datasheet
386Kb / 7P
   Standard Voltage Detector
S72NXXUF AUK-S72NXXUF Datasheet
342Kb / 7P
   Standard Voltage Detector
S71XX AUK-S71XX Datasheet
256Kb / 5P
   Standard Voltage Detector
S72NXXSF AUK-S72NXXSF Datasheet
342Kb / 7P
   Standard Voltage Detector
logo
Rohm
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com