Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEV3S0515SC Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # MEV3S0515SC
Description  3kVDC Isolated 3W Single Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MEV3S0515SC Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  MEV3S0515SC Datasheet HTML 1Page - Murata Power Solutions Inc. MEV3S0515SC Datasheet HTML 2Page - Murata Power Solutions Inc. MEV3S0515SC Datasheet HTML 3Page - Murata Power Solutions Inc. MEV3S0515SC Datasheet HTML 4Page - Murata Power Solutions Inc. MEV3S0515SC Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MEV3 Series
3kVDC Isolated 3W Single Output DC/DC Converters
KDC_MEV3C.A01 Page 4 of 5
Technical enquiries email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
APPLICATION NOTES (continued)
Output Ripple Reduction
By using the values of inductance and capacitance stated, the output ripple at the rated load is lowered to 5mV p-p max.
Component selection
Capacitor: It is required that the ESR (Equivalent Series Resistance) should be as low as possible, ceramic types are recommended.
The voltage rating should be at least twice (except for 15V output), the rated output voltage of the DC/DC converter.
Inductor: The rated current of the inductor should not be less than that of the output of the DC/DC converter. At the rated current, the DC resistance of the inductor
should be such that the voltage drop across the inductor is <2% of the rated voltage of the DC/DC converter. The SRF (Self Resonant Frequency) should be
>20MHz.
EFFICIENCY VS LOAD
MEV3505xxSC Input Voltage
MEV3512XXSC Input Voltage
DC
DC
L
C
Load
Power
Source
0
10
20
30
40
50
60
70
80
90
0
102030405060708090
100
Load (%)
5V
9V
12V
15V
0
10
20
30
40
50
60
70
80
90
0
10
203040
50607080
90
100
Load (%)
5V
9V
12V
15V
Inductor
Capacitor
L, μH
SMD
Through Hole
C, μF
MEV3S0505SC
10
84103C
11R103C
4.7
MEV3S0509SC
22
84223C
11R223C
2.2
MEV3S0512SC
47
84473C
11R473C
1
MEV3S0515SC
47
84473C
11R473C
1
MEV3S1205SC
10
84103C
11R103C
4.7
MEV3S1209SC
22
84223C
11R223C
2.2
MEV3S1212SC
47
84473C
11R473C
1
MEV3S1215SC
47
84473C
11R473C
1


Similar Part No. - MEV3S0515SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEV3S0515SC MURATA-PS-MEV3S0515SC Datasheet
247Kb / 10P
   3kVDC Isolated 3W Single Output DC-DC Converters
2020
More results

Similar Description - MEV3S0515SC

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
   3W 3KVDC Isolated Single Output DC/DC Converters
TPH-3W TOPPOWER-TPH-3W Datasheet
834Kb / 4P
   3W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPK-3WS TOPPOWER-TPK-3WS Datasheet
402Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK-3W TOPPOWER-TPK-3W Datasheet
640Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5_19 Datasheet
699Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
logo
Microdc power Technolog...
3B-XES MICRODC-3B-XES Datasheet
331Kb / 2P
   Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5 Datasheet
620Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_MEV MURATA-KDC_MEV Datasheet
140Kb / 4P
   3kVDC Isolated 1W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com