Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-VVD106 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-VVD106
Description  GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 36 - 50 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-VVD106 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-VVD106 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-VVD106 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-VVD106 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-VVD106 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-VVD106 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-VVD106 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1 - 40
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
GaAs PIN MMIC VOLTAGE-VARIABLE
ATTENUATOR, 36 - 50 GHz
v01.0209
General Description
Features
Functional Diagram
Low Insertion Loss: 1.5 dB
Wide Dynamic Range: 22 dB
Balanced Topology
High Input IP3: +17 dBm
Analog Control Voltage: 0 to +4V
Die Size: 1.47 x 1.5 x 0.1 mm
Electrical Specifications, T
A = +25 °C, 50 Ohm System
Typical Applications
This HMC-VVD106 is ideal for:
• Short Haul / High Capacity Radios
• Automotive Radar
• Test Equipment
• SATCOM
• Military
• Point-to-Point Radios
• Point to Multi-Point Radios
The HMC-VVD106 is a monolithic GaAs PIN diode
based Voltage Variable Attenuator (VVA) which
exhibits low insertion loss, high IP3, and wide dynamic
range. The balanced topology delivers excellent
return loss while the single control voltage can be
applied to either side of the die. All bond pads and
the die backside are Ti/Au metallized, and the PIN
diode
devices
are
fully
passivated
for
reliable
operation. This wideband VVA MMIC is compatible
with conventional die attach methods, as well as
thermocompression and thermosonic wirebonding,
making it ideal for MCM and hybrid microcircuit
applications. All data shown herein is measured on
chip in a 50 Ohm environment and contacted with
RF probes.
HMC-VVD106
Parameter
Min.
Typ.
Max.
Units
Frequency Range
36 - 50
GHz
Insertion Loss
1.5
2
dB
Attenuation Range
21
dB
Return Loss
15
dB
IM3 @ Pin = 0 dBm / Tone
30
dBc
*Unless otherwise indicated, all measurements are from probed die


Similar Part No. - HMC-VVD106

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-VVD102 HITTITE-HMC-VVD102 Datasheet
199Kb / 6P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 17 - 27 GHz
HMC-VVD104 HITTITE-HMC-VVD104 Datasheet
91Kb / 3P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 70 - 86 GHz
HMC-VVD104 HITTITE-HMC-VVD104 Datasheet
192Kb / 6P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 70 - 86 GHz
HMC-VVD104 HITTITE-HMC-VVD104_09 Datasheet
192Kb / 6P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 70 - 86 GHz
More results

Similar Description - HMC-VVD106

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC985A AD-HMC985A Datasheet
835Kb / 10P
   GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 20 - 50 GHz
logo
Alpha Industries
AV850M1-00 ALPHA-AV850M1-00 Datasheet
77Kb / 2P
   18-50 GHz GaAs MMIC Voltage Variable Attenuator
logo
Hittite Microwave Corpo...
HMC985 HITTITE-HMC985 Datasheet
926Kb / 10P
   Gaas mmic voltage - variable attenuator, 20 - 50 GHz
HMC-VVD102 HITTITE-HMC-VVD102 Datasheet
199Kb / 6P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 17 - 27 GHz
HMC-VVD104 HITTITE-HMC-VVD104 Datasheet
91Kb / 3P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 70 - 86 GHz
HMC-VVD104 HITTITE-HMC-VVD104_09 Datasheet
192Kb / 6P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 70 - 86 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com