Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6603-ATA3T Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM6603-ATA3T
Description  3.0A LOW DROPOUT PRECISION REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6603-ATA3T Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM6603-ATA3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
GM6603
3.0A LOW DROPOUT
PRECISION REGULATOR
Unit: mm
2 - R 0.3
10.00 ± 0.20
8.0
7.0
0.9
7.0
4.50 ± 0.20
1.30
+0.1
-0.05
3-R0.2
2.40 ± 0.20
9.90 ± 0.20
3.60 ± 0.20
2.80 ± 0.10
1.30 ± 0.10
2.54 TYP
(2.54 ± 0.20)
8.70
1.70
1.50 DP0.20
3.70 ± 0.20
4.60
8.40
1.46
1.00
1.27 ± 0.10
45°
3.00
0.80 ± 0.10
1.52 ± 0.10
0.50
+0.1
-0.05
Package Outline Dimensions – TO263
0.045 - 0.055
(1.143 - 1.397)
0.050 +/- 0.012
(1.270 +/- 0.305)
0.090 - 0.110
(2.286 - 2.794)
0.143 + 0.012
0.143 - 0.002
(3.632 + 0305)
(3.362 - 0.508)
0.050
(1.270)
0.013 - 0.023
(0.330 - 0.584)
TYP
0.059
(1.499)
0.020 - 0.039
(0.510 - 0.990)
0.330 - 0.370
(8.382 - 9.398)
0.060
(1.524)
TYP
0.390 - 0.415
(9.906 - 10.541)
TYP
15
0.105 - 0.180
(4.191 - 4.572)
Package Outline Dimensions – TO220


Similar Part No. - GM6603-ATA3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603-ATA3T ETC2-GM6603-ATA3T Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603-ATA3T GAMMA-GM6603-ATA3T Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603-ATA3T GAMMA-GM6603-ATA3T Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603-ATA3TG GAMMA-GM6603-ATA3TG Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6603-ATA3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_13 Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
Unisonic Technologies
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Calogic, LLC
CLM2830 CALOGIC-CLM2830 Datasheet
40Kb / 4P
   3.0A Low Dropout Voltage Regulator Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com