Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30-01-R5C-AQSC Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 30-01-R5C-AQSC
Description  Technical Data Sheet POWER LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

30-01-R5C-AQSC Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  30-01-R5C-AQSC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 30-01-R5C-AQSC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-03-19 21:23:17.0
Technical Data Sheet
POWER LED
30-01/R5C-AQSC
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 1 of 6
Device number: DPE-0000077
Established date: 04-17-2006
Established by: Max-Chen
Features
. High Flux Output.
. Designed for High Current Operation.
. Low Thermal Resistance.
. Low Profile.
. Packaged in Tubes for Use with Automatic
Insertion Equipment.
. The product itself will remain within RoHS compliant version.
Descriptions
This revolutionary package design allows the light designer to reduce the number of LEDs
required and provide a more uniform and unique illuminated appearance than with other LED
solutions. This is possible through the efficient optical package design and high-current capabilities.
The low profile package can be easily coupled with reflectors or lenses to efficiently distribute
light and provide the desired light appearance.
Applications
. Automotive Lighting
. Electronic Signs and Signals
. Special Lighting application
Device Selection Guide
Chip
PART NO.
Material
Emitted Color
Lens Color
30-01/R5C-AQSC
AlGaInP
Brilliant Red
Water Clear


Similar Part No. - 30-01-R5C-AQSC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01-R5C-ARTC EVERLIGHT-30-01-R5C-ARTC Datasheet
118Kb / 6P
   3mm POWER LED
More results

Similar Description - 30-01-R5C-AQSC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01-A5C-ASUC-AM EVERLIGHT-30-01-A5C-ASUC-AM Datasheet
344Kb / 10P
   Technical Data Sheet 3mm POWER LED
30-01USOC-S400-A9 EVERLIGHT-30-01USOC-S400-A9 Datasheet
101Kb / 6P
   Technical Data Sheet 3mm POWER LED
37-01 EVERLIGHT-37-01 Datasheet
260Kb / 9P
   Technical Data Sheet Oval POWER LED
34-01-A5C-ASUC-AM EVERLIGHT-34-01-A5C-ASUC-AM Datasheet
239Kb / 10P
   Technical Data Sheet 5mm POWER LED
67-31B-GHC-YX2Y2MZ3-2T EVERLIGHT-67-31B-GHC-YX2Y2MZ3-2T Datasheet
131Kb / 10P
   Technical Data Sheet Power Top View LED
67-31AUBC-B001-TR8 EVERLIGHT-67-31AUBC-B001-TR8 Datasheet
242Kb / 9P
   Technical Data Sheet (Preliminary) Power Top View LED
IR67-21C EVERLIGHT-IR67-21C Datasheet
205Kb / 9P
   Technical Data Sheet Top Infrared LED
67-21UBC-B040-TR8-AM EVERLIGHT-67-21UBC-B040-TR8-AM Datasheet
211Kb / 10P
   Technical Data Sheet -Top View LED
logo
Pasternack Enterprises,...
PE20DV1034 PASTERNACK-PE20DV1034 Datasheet
461Kb / 6P
   Power Dividers Technical Data Sheet
PE20S0020 PASTERNACK-PE20S0020 Datasheet
441Kb / 5P
   Power Dividers Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com