Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6605-1.8TB3T Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM6605-1.8TB3T
Description  5.0A LOW DROPOUT PRECISION REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6605-1.8TB3T Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM6605-1.8TB3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6605-1.8TB3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6605-1.8TB3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6605-1.8TB3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6605-1.8TB3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6605-1.8TB3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6605-1.8TB3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6605-1.8TB3T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6605-1.8TB3T Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
GM6605
5.0A LOW DROPOUT
PRECISION REGULATOR
(a) Fixed version
(b) Adjustable version
Conductor
Parasitic
Resistance
R
C
V
IN
V
OUT
GM6605-3.3
GND
RLOAD
Conductor
Parasitic
Resistance
R
C
V
IN
V
OUT
GM6605-A
ADJ
RLOAD
R1
R2
Output Voltage Sensing
GM6605 series is a three-terminal regulator, so it cannot provide true remote load sensing. Load
regulation is limited by the resistance of the conductors connecting the regulator to the load. For best
results, GM6605 should be connected as shown 1n F1gure 2.
Calculating Power Dissipation and Heat Sink Requirements
GM6605 series include thermal shutdown and current limit circuitry to protect the devices. However, high
power regulators normally operate at high junction temperatures so it is important to calculate the power
dissipation and junction temperatures accurately to be sure to use an adequate heat sink. The case is
connected to VOUT on GM6605, so electrical isolation may be required for some applicat1ons. Thermal
compound should always be used with high current regulators like GM6605.
The thermal characteristics of an IC depend on four factors:
1.
Maximum Ambient Temperature TA (°C)
2.
Power Dissipation PD (Watts)
3.
Maximum Junction Temperature TJ (°C)
4.
Thermal Resistance Junction to amb1ent
θJA
The relationship of these four factors is expressed by equation (1):
TJ = TA + PD x θJA
Maximum ambient temperature and power dissipation are determ1ned by the design while the maximum
junction temperature and thermal resistance depend on the manufacturer and the package type.
The maximum power dissipation for a regulator is expressed by equation (2):
PD(MAX) = (VIN(MAX) – VOUT(MIN) ) x IOUT(MIN) + VIN(MIN) x IQ
where:
VIN(MAX) is the maximum input voltage,
VOUT(MIN) is the minimum output voltage,
IOUT(MAX) is the maximum output current
IQ is the max1mum quiescent current at IOUT(MAX).
A heat sink effect1vely increases the surface area of the package to improve the flow of heat away
from the IC into the air. Each material in the heat flow path between the IC and the environment has a
thermal resistance. Like series electrical resistances, these resistance are summed to determine
θJA,
the total thermal resistance between the junction and the air. This is expressed by equation (3):
θJA = θJC + θCS + θSA
where:
θJC is the thermal resistance of Junction to Case,
θCS is the thermal resistance of Case to Heat Sink,
θSA is the thermal resistance of Heat Sink to Ambient air.
The value for
θJA is calculated using equation (3) and the result can be substituted in equation (1). The
value for
θCS is 3.5°C/W for a given package typed based on an average d1ie size. For a high current
regulator such as GM6605, the majority of the heat is generated in the power transistor sect1on.
Figure 2. Conductor parasitic resistance effects are minimized by
this grounding scheme.


Similar Part No. - GM6605-1.8TB3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6605-1.8TB3T ETC1-GM6605-1.8TB3T Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605-1.8TB3T GAMMA-GM6605-1.8TB3T Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
More results

Similar Description - GM6605-1.8TB3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1084 ETC1-B1084 Datasheet
38Kb / 3P
   5.0A Low Dropout Voltage Regulator
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Calogic, LLC
CLM2850 CALOGIC-CLM2850 Datasheet
40Kb / 4P
   5.0A Low Dropout Voltage Regulator Adjustable
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603 GAMMA-GM6603_13 Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM66015 GAMMA-GM66015 Datasheet
247Kb / 11P
   1.5A LOW DROPOUT PRECISION REGULATOR
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
   5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
logo
ON Semiconductor
NCP706A ONSEMI-NCP706A_16 Datasheet
331Kb / 9P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1
NCP706B ONSEMI-NCP706B_16 Datasheet
205Kb / 10P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 3
logo
Gamma Microelectronics ...
GM1117S GAMMA-GM1117S Datasheet
215Kb / 15P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com