Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7130-ATA5T Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM7130-ATA5T
Description  3A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7130-ATA5T Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

  GM7130-ATA5T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7130-ATA5T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7130-ATA5T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7130-ATA5T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7130-ATA5T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7130-ATA5T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7130-ATA5T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7130-ATA5T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7130-ATA5T Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
10
GM7130
3A STEP DOWN VOLTAGE SWITCHING
REGULATORS
6
8
10
Ordering Number
GM
7130
A
TA5
R
APM Gamma
Micro
Circuit Type
Output Voltage
A: Adj
3.3 = 3.3V
5.0 = 5.0V
12 = 12.0V
Package Type
TA5: TO263-5
TB5: TO-220-5
TB5B: TO-220B-5
Shipping Type
R: Taping & Reel
T: Tube


Similar Part No. - GM7130-ATA5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7130-ATA5T ETC1-GM7130-ATA5T Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM7130-ATA5T GAMMA-GM7130-ATA5T Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7130-ATA5T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7130 ETC1-GM7130 Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com