Electronic Components Datasheet Search |
|
MCTC4890 Datasheet(PDF) 1 Page - Crydom Inc., |
|
MCTC4890 Datasheet(HTML) 1 Page - Crydom Inc., |
1 / 6 page MCTC Series • Microprocessor based temperature controller / SSR • Ratings from 25A to 90A @ 48-530 VAC • Direct J or K thermocouple input • Voltage or current controlled setpoint • Separate output enable / disable control • Open thermocouple protection • LED status indicators • Optional 5Vdc output voltage for setpoint voltage reference PRODUCT SELECTION Description 25 A 50 A 90 A 280 VAC MCTC2425 MCTC2450 MCTC2490 480 VAC MCTC4825 MCTC4850 MCTC4890 AVAILABLE OPTIONS OUTPUT SPECIFICATIONS (voltage) Description 240 VAC 480 VAC Operating Voltage (47-63Hz) [Vrms] 24-280 48-530 Transient Overvoltage [Vpk] 600 1200 Maximum Off-State Leakage Current @ Rated Voltage [mArms] 7 12 Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] 200 200 OUTPUT SPECIFICATIONS (current) Description 25 A 50 A 90 A Maximum Load Current [Arms] 25 50 90 Minimum Load Current [mArms] 150 150 150 Maximum Surge Current (16.6ms) [Apk] 250 625 1200 Maximum On-State Voltage Drop @ Rated Current [Vpk] 1.6 1.6 1.6 Thermal Resistance Junction to Case (Rjc) [°C/W] 1.02 0.63 0.28 Maximum I²t for Fusing (8.3 msec) [A²sec] 260 1620 6000 Minimum Power Factor (with Maximum Load) 0.5 0.5 0.5 |
Similar Part No. - MCTC4890 |
|
Similar Description - MCTC4890 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |