Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30-01USOC-S400-A9 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 30-01USOC-S400-A9
Description  Technical Data Sheet 3mm POWER LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

30-01USOC-S400-A9 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  30-01USOC-S400-A9 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 30-01USOC-S400-A9 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 30-01USOC-S400-A9 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 30-01USOC-S400-A9 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 30-01USOC-S400-A9 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 30-01USOC-S400-A9 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2008-09-20 00:15:51.0
Technical Data Sheet
3mm POWER LED
30-01USOC/S400-A9
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev. 3
Page: 6 of 6
Device number: DLE-300-053
Established date: 08-20-2007
Established by: Jim Lin
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent.
4. Soldering Condition
Careful attention should be paid during soldering. When soldering, leave more then 3mm from
solder joint to case, and soldering beyond the base of the tie bar is recommended.
Avoiding applying any stress to the lead frame while the LEDs are at high temperature
particularly when soldering.
Recommended soldering conditions
Hand Soldering
DIP Soldering
Temp. at tip of iron
400
Max.
(30W Max.)
Preheat temp.
100
Max.
(60 sec Max.)
Soldering time
3 sec Max.
Bath temp.
265 Max.
Distance
3mm Min.(From solder
joint to case)
Bath time.
5 sec Max.
Distance
3mm Min.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C.
http:\\www.everlight.com


Similar Part No. - 30-01USOC-S400-A9

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
30-01UWC/S463 EVERLIGHT-30-01UWC/S463 Datasheet
139Kb / 6P
   HIGH POWER LED
30-01UYC EVERLIGHT-30-01UYC Datasheet
182Kb / 4P
   Fewer LEDs Required, Lowers Lighting System Cost
More results

Similar Description - 30-01USOC-S400-A9

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01-A5C-ASUC-AM EVERLIGHT-30-01-A5C-ASUC-AM Datasheet
344Kb / 10P
   Technical Data Sheet 3mm POWER LED
HIR204 EVERLIGHT-HIR204 Datasheet
172Kb / 7P
   Technical Data Sheet 3mm Infrared LED, T-1
30-01-R5C-AQSC EVERLIGHT-30-01-R5C-AQSC Datasheet
111Kb / 6P
   Technical Data Sheet POWER LED
37-01 EVERLIGHT-37-01 Datasheet
260Kb / 9P
   Technical Data Sheet Oval POWER LED
34-01-A5C-ASUC-AM EVERLIGHT-34-01-A5C-ASUC-AM Datasheet
239Kb / 10P
   Technical Data Sheet 5mm POWER LED
logo
Lucky Light Electronic
LL-304HD2J-H1 LUCKY-LIGHT-LL-304HD2J-H1 Datasheet
137Kb / 7P
   3mm Round Without Flange Type Red LED Technical Data Sheet
LL-304AD2J-A1 LUCKY-LIGHT-LL-304AD2J-A1 Datasheet
137Kb / 7P
   3mm Round Without Flange Type Amber LED Technical Data Sheet
LL-304BC2L-B4-1G LUCKY-LIGHT-LL-304BC2L-B4-1G Datasheet
134Kb / 7P
   3mm Round With Flange Type Blue LED Technical Data Sheet
LL-304BC2L-B4-2G LUCKY-LIGHT-LL-304BC2L-B4-2G Datasheet
135Kb / 7P
   3mm Round With Flange Type Blue LED Technical Data Sheet
LL-304BC4B-B4-1GD LUCKY-LIGHT-LL-304BC4B-B4-1GD Datasheet
134Kb / 7P
   3mm Round With Flange Type Blue LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com