Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6605-5.0TA3T Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM6605-5.0TA3T
Description  5.0A LOW DROPOUT PRECISION REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6605-5.0TA3T Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM6605-5.0TA3T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6605-5.0TA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
GM6605
5.0A LOW DROPOUT
PRECISION REGULATOR
Absolute Maximum Ratings
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VI
15
V
Power Dissipation
PD
Internally
Limited
W
Operating Junction Temperature
TJ
- 40 to 125
°C
Storage Temperature
Tstg
- 60 to 150
°C
Lead Temperature 1.6mm (1/6 inch) from case for 10 seconds
260
°C
Block Diagram
VOUT
VIN
ADJ
GND
For
fixed
output
Options
Thermal
Limit


Similar Part No. - GM6605-5.0TA3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6605-5.0TA3T ETC1-GM6605-5.0TA3T Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605-5.0TA3T GAMMA-GM6605-5.0TA3T Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
More results

Similar Description - GM6605-5.0TA3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1084 ETC1-B1084 Datasheet
38Kb / 3P
   5.0A Low Dropout Voltage Regulator
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Calogic, LLC
CLM2850 CALOGIC-CLM2850 Datasheet
40Kb / 4P
   5.0A Low Dropout Voltage Regulator Adjustable
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603 GAMMA-GM6603_13 Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM66015 GAMMA-GM66015 Datasheet
247Kb / 11P
   1.5A LOW DROPOUT PRECISION REGULATOR
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
   5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
logo
ON Semiconductor
NCP706A ONSEMI-NCP706A_16 Datasheet
331Kb / 9P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1
NCP706B ONSEMI-NCP706B_16 Datasheet
205Kb / 10P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 3
logo
Gamma Microelectronics ...
GM1117S GAMMA-GM1117S Datasheet
215Kb / 15P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com