Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7130-12TA5T Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM7130-12TA5T
Description  3A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7130-12TA5T Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM7130-12TA5T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7130-12TA5T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7130-12TA5T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7130-12TA5T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7130-12TA5T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7130-12TA5T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7130-12TA5T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7130-12TA5T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7130-12TA5T Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
5
GM7130
3A STEP DOWN VOLTAGE SWITCHING
REGULATORS
Absolute Maximum Ratings (Note 1)
Rating
Value
Unit
Maximum Supply Voltage
45
V
Pin Input Voltage
-0.3 + VIN + 0.3
V
Feedback Pin Voltage
-0.3 + VIN + 0.3
V
Output Voltage to Ground (Steady State)
-1.0
V
Power Dissipation
Internally Limited
-
TO-220-5
65
Junction to Ambient,
θJA
TO-263-5
45
TO-220-5
2
Thermal
Resistance*
Junction to Case,
θJC
TO-263-5
2
°C/W
Storage Temperature Range
- 65 to 150
°C
Maximum Junction Temperature
+ 150
°C
Operating Temperature Range
- 40 to 125
°C
Minimum ESD Rating (Note 2)
2
kV
Lead Temperature (Soldering, 10 sec)
+ 260
°C
* θJA is measured with minimum copper area for TO-220-5 package, and copper area (must connected to ground) of around 0.5 in
2
for TO-263-5 package.
Block Diagram
VIN
1
2
5
3
4
VOUT
Regulator
With
Enable
Comparator
52KHz
Oscillator
Driver
Thermal Shutdown
&
Current Limit
Reset
1.23V
Reference
R1*
R2*
Error
Amplifier
FB
Gnd
VOUT = 3.3V, R1 = 2.49K, R2 = 4.18K
VOUT = 5.0V, R1 = 2.49K, R2 = 7.57K
VOUT = ADJ, R1 = OPEN, R2 = 0Ω
ON/OFF
ON/OFF


Similar Part No. - GM7130-12TA5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7130-12TA5T ETC1-GM7130-12TA5T Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM7130-12TA5T GAMMA-GM7130-12TA5T Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7130-12TA5T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7130 ETC1-GM7130 Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com