Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6603-5.0TC3R Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM6603-5.0TC3R
Description  3.0A LOW DROPOUT PRECISION REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6603-5.0TC3R Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM6603-5.0TC3R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
GM6603
3.0A LOW DROPOUT
PRECISION REGULATOR
Electrical Characteristics (TI = 25°C, Inless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
IOUT = 10mA, VIN – VOUT = 1.5V
1.238
1.250
1.262
Reference
Voltage
GM6603-A
VREF
10mA ≤ IOUT ≤ 3A,
1.5V ≤ VIN – VOUT ≤10V
1.225
1.250
1.275
V
IOUT = 10mA, VIN = 3.3V
1.782
1.800
1.818
GM6603-1.8
10mA ≤ IOUT ≤ 5A,
3.3V ≤VIN ≤10V
1.764
1.800
1.836
IOUT = 10mA, VIN = 4V
2.475
2.500
2.525
GM6603-2.5
10mA ≤ IOUT ≤ 5A,
4V ≤VIN ≤10V
2.460
2.500
2.540
IOUT = 10mA, VIN = 4.8V
3.267
3.300
3.333
GM6603-3.3
10mA ≤ IOUT ≤ 5A,
4.8V ≤VIN ≤7V
3.247
3.300
3.353
IOUT = 10mA, VIN = 6.5V
4.950
5.000
5.050
Output
Voltage
GM6603-5.0
VO
10mA ≤ IOUT ≤ 5A,
6.5V ≤VIN ≤10V
4.920
5.000
5.080
V
GM6603-A
IOUT = 10mA
GM6603-1.8
IOUT = 10mA, 3.3V ≤VIN ≤10V
GM6603-2.5
IOUT = 10mA, 4V ≤VIN ≤10V
GM6603-3.3
IOUT = 10mA, 4.8V ≤VIN ≤10V
Line
Regulation
GM6603-5.0
∆VOI
IOUT = 10mA, 6.5V ≤VIN ≤10V
0.04
0.20
%
GM6603-A
VIN –VOUT =1.5V,
10mA ≤ IOUT ≤ 3A
GM6603-1.8
VIN = 3.3V, 10mA ≤ IOUT ≤ 3A
GM6603-2.5
VIN = 4.0V, 10mA ≤ IOUT ≤ 3A
GM6603-3.3
VIN = 4.8V, 10mA ≤ IOUT ≤ 3A
Load
Regulation
GM6603-5.0
∆VOL
VIN = 6.5V, 10mA ≤ IOUT ≤ 3A
0.2
0.40
%
Dropout Voltage
VD
IOUT = 3A
1.15
1.3
V
Current Limit
ICL
VIN –VOUT =3V
3
4.5
A
Minimum Load Current
IO(MIN)
VIN = 5.0V
3
7
mA
GM6603-1.8
VIN = 3.3V, 10mA ≤ IOUT ≤ 3A
GM6603-2.5
VIN = 4.0V, 10mA ≤ IOUT ≤ 3A
GM6603-3.3
VIN = 4,8V, 10mA ≤ IOUT ≤ 3A
Quiescent
Current
GM6603-5.0
IQ
VIN = 6.5V, 10mA ≤ IOUT ≤ 3A
7
10
mA
Adjust Pin
Current
GM6603-A
IADJ
IOUT = 10mA, 2.75V ≤VIN ≤10V
40
90
µA
Temperature Coefficient
IOUT = 10mA, VIN – VOUT = 1.5V
0.005
%/°C
Ripple Rejection
RA
IOUT = 3A, VIN – VOUT = 1.5V
60
80
dB


Similar Part No. - GM6603-5.0TC3R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603-5.0TC3R ETC2-GM6603-5.0TC3R Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603-5.0TC3R GAMMA-GM6603-5.0TC3R Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603-5.0TC3R GAMMA-GM6603-5.0TC3R Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603-5.0TC3RG GAMMA-GM6603-5.0TC3RG Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6603-5.0TC3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_13 Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
Unisonic Technologies
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Calogic, LLC
CLM2830 CALOGIC-CLM2830 Datasheet
40Kb / 4P
   3.0A Low Dropout Voltage Regulator Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com