Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6605-2.5TC3RG Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM6605-2.5TC3RG
Description  5.0A LOW DROPOUT PRECISION REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6605-2.5TC3RG Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM6605-2.5TC3RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6605-2.5TC3RG Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
GM6605
5.0A LOW DROPOUT
PRECISION REGULATOR
GM6605-3.3
GND
C2
C1
R2
CADJ
R1
C1
GM6605-Adj
ADJ
VOUT
C2
(a) Fixed version
(b) Adjustable version
VOUT
VIN
VIN
1N4002
1N4002
Application Information
GM6605 series linear regulators provide fixed and adjustable output voltages at currents up to 5.0A.
These regulators are protected against over-current conditions and include thermal shutdown protection.
The GM6605 has a composite PNP-NPN output transistor and require an output capacitor for stability.
A detailed procedure for selecting this capacitor is as below:
Stability Considerations
The output compensation capacitor helps to determine three main characteristics of a linear regulator's
performance: start-up delay, load transient response, and loop stability. The capacitor value and type is
based on cost, availability, size, and temperature constraints. A tantalum or aluminum electrolytic
capacitor is preferred, as a film or ceramic capacitor with almost zero ESR can cause instability. An
aluminum electrolytic capacitor is the least expensive type. But when the circuit operates at low
temperatures, both the value and ESR of the capacitor will vary widely. For optimum performance over
the full operating temperature range, a tantalum capacitor is the best. A 22µF tantalum capacitor will
work fine in most applications. But with high current regulators, such as GM6605 higher capacitance
values will improve the transient response and stability. Most applications for Gm6605 involve large
changes in load current, so the output capacitor must supply instantaneous load current. The ESR of
the output capacitor causes an immediate drop in output voltage given by:
V = I x ESR
In microprocessor applications an output capacitor network of several tantalum and ceramic capacitors
in parallel is commonly used. This reduces overall ESR and minimizes the instantaneous output voltage
drop under transient load conditions. The output capacitor network should be placed as close to the
load as possible for the best results.
Protection Diodes
When large external capacitors are used with most linear regulators, it is wise to add protection diodes. If
the input voltage of the regulator is shorted, the output capacitor will discharge into the output of the
regulator. The discharge current depends on the value of capacitor, output voltage, and rate at which VIN
drops.
For GM6605, the discharge path is through a large junction, and protection diodes are normally not needed.
However, if the regulator is used with large output capacitance values and the input voltage is
instantaneously shorted to ground, damage can occur. In this case, a diode connected as shown above
in Figure 1 is recommended.
Figure 1. Protection Diode Scheme
for large Output Capacitors


Similar Part No. - GM6605-2.5TC3RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6605-2.5TC3R GAMMA-GM6605-2.5TC3R Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
More results

Similar Description - GM6605-2.5TC3RG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1084 ETC1-B1084 Datasheet
38Kb / 3P
   5.0A Low Dropout Voltage Regulator
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Calogic, LLC
CLM2850 CALOGIC-CLM2850 Datasheet
40Kb / 4P
   5.0A Low Dropout Voltage Regulator Adjustable
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603 GAMMA-GM6603_13 Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM66015 GAMMA-GM66015 Datasheet
247Kb / 11P
   1.5A LOW DROPOUT PRECISION REGULATOR
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
   5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
logo
ON Semiconductor
NCP706A ONSEMI-NCP706A_16 Datasheet
331Kb / 9P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1
NCP706B ONSEMI-NCP706B_16 Datasheet
205Kb / 10P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 3
logo
Gamma Microelectronics ...
GM1117S GAMMA-GM1117S Datasheet
215Kb / 15P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com