Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66150-1.5ST3R Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM66150-1.5ST3R
Description  1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66150-1.5ST3R Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM66150-1.5ST3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM66150-1.5ST3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66150-1.5ST3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66150-1.5ST3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66150-1.5ST3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66150-1.5ST3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66150-1.5ST3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66150-1.5ST3R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66150-1.5ST3R Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
GM66150 Series
1.5A ULTRA LOW DROPOUT VOLTAGE
REGULATORS
Ordering Information – Pb Free
Ordering Number
Output Voltage
Package
Shipping
GM66150
GM66150-1.5TA3T
1.5V
TO-263
50 Units/Tube
GM66150-1.5TA3R
1.5V
TO-263
800 Units / Reel
GM66150-1.5TB3T
1.5V
TO-220
50 Units/Tube
GM66150-1.5ST3T
1.5V
SOT-223
80 Units/Tube
GM66150-1.5ST3R
1.5V
SOT-223
2,500 Units / Tape & Reel
GM66150-1.8TA3T
1.8V
TO-263
50 Units/Tube
GM66150-1.8TA3R
1.8V
TO-263
800 Units / Reel
GM66150-1.8TB3T
1.8V
TO-220
50 Units/Tube
GM66150-1.8ST3T
1.8V
SOT-223
80 Units/Tube
GM66150-1.8ST3R
1.8V
SOT-223
2,500 Units / Tape & Reel
GM66150-2.5TA3T
2.5V
TO-263
50 Units/Tube
GM66150-2.5TA3R
2.5V
TO-263
800 Units / Reel
GM66150-2.5TB3T
2.5V
TO-220
50 Units/Tube
GM66150-2.5ST3T
2.5V
SOT-223
80 Units/Tube
GM66150-2.5ST3R
2.5V
SOT-223
2,500 Units / Tape & Reel
GM66150-3.0TA3T
3.0V
TO-263
50 Units/Tube
GM66150-3.0TA3R
3.0V
TO-263
800 Units / Reel
GM66150-3.0TB3T
3.0V
TO-220
50 Units/Tube
GM66150-3.0ST3T
3.0V
SOT-223
80 Units/Tube
GM66150-3.0ST3R
3.0V
SOT-223
2,500 Units / Tape & Reel
GM66150-3.3TA3T
3.3V
TO-263
50 Units/Tube
GM66150-3.3TA3R
3.3V
TO-263
800 Units / Reel
GM66150-3.3TB3T
3.3V
TO-220
50 Units/Tube
GM66150-3.3ST3T
3.3V
SOT-223
80 Units/Tube
GM66150-3.3ST3R
3.3V
SOT-223
2,500 Units / Tape & Reel
GM66150-5.0TA3T
5.0V
TO-263
50 Units/Tube
GM66150-5.0TA3R
5.0V
TO-263
800 Units / Reel
GM66150-5.0TB3T
5.0V
TO-220
50 Units/Tube
GM66150-5.0ST3T
5.0V
SOT-223
80 Units/Tube
GM66150-5.0ST3R
5.0V
SOT-223
2,500 Units / Tape & Reel
GM66150-12TA3T
12V
TO-263
50 Units/Tube
GM66150-12TA3R
12V
TO-263
800 Units / Reel
GM66150-12TB3T
12V
TO-220
50 Units/Tube


Similar Part No. - GM66150-1.5ST3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66150-1.5TA3R GAMMA-GM66150-1.5TA3R Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
GM66150-1.5TA3T GAMMA-GM66150-1.5TA3T Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
GM66150-1.5TA5R GAMMA-GM66150-1.5TA5R Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
GM66150-1.5TA5T GAMMA-GM66150-1.5TA5T Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
GM66150-1.5TB3R GAMMA-GM66150-1.5TB3R Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
More results

Similar Description - GM66150-1.5ST3R

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
AMS1501 ADMOS-AMS1501_05 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
National Semiconductor ...
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962 NSC-LP3962 Datasheet
484Kb / 22P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3962 TI-LP3962_15 Datasheet
4Mb / 34P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com