Electronic Components Datasheet Search |
|
PSD913F4V-70UT Datasheet(PDF) 11 Page - STMicroelectronics |
|
PSD913F4V-70UT Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 103 page 11/110 PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2 Reset 48 I Resets I/O Ports, PLD macrocells and some of the Configuration Registers. Must be Low at Power-up. PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 29 28 27 25 24 23 22 21 I/O These pins make up Port A. These port pins are configurable and can have the following functions: MCU I/O – write to or read from a standard output or input port. CPLD macrocell (McellAB0-7) outputs. Inputs to the PLDs. Latched address outputs (see Table 6). Address inputs. For example, PA0-3 could be used for A0-A3 when using an 80C51XA in burst mode. As the data bus inputs D0-D7 for non-multiplexed address/data bus MCUs. D0/A16-D3/A19 in M37702M2 mode. Peripheral I/O mode. Note: PA0-PA3 can only output CMOS signals with an option for high slew rate. However, PA4-PA7 can be configured as CMOS or Open Drain Outputs. PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7 7 6 5 4 3 2 52 51 I/O These pins make up Port B. These port pins are configurable and can have the following functions: MCU I/O – write to or read from a standard output or input port. CPLD macrocell (McellAB0-7 or McellBC0-7) outputs. Inputs to the PLDs. Latched address outputs (see Table 6). Note: PB0-PB3 can only output CMOS signals with an option for high slew rate. However, PB4-PB7 can be configured as CMOS or Open Drain Outputs. PC0 20 I/O PC0 pin of Port C. This port pin can be configured to have the following functions: MCU I/O – write to or read from a standard output or input port. CPLD macrocell (McellBC0) output. Input to the PLDs. TMS Input2 for the JTAG Serial Interface. This pin can be configured as a CMOS or Open Drain output. PC1 19 I/O PC1 pin of Port C. This port pin can be configured to have the following functions: MCU I/O – write to or read from a standard output or input port. CPLD macrocell (McellBC1) output. Input to the PLDs. TCK Input2 for the JTAG Serial Interface. This pin can be configured as a CMOS or Open Drain output. Pin Name Pin Type Description |
Similar Part No. - PSD913F4V-70UT |
|
Similar Description - PSD913F4V-70UT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |