Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM34063FS8TG Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM34063FS8TG
Description  1.5A DC TO DC CONVERTER CONTROL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM34063FS8TG Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM34063FS8TG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM34063FS8TG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM34063FS8TG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM34063FS8TG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM34063FS8TG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM34063FS8TG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM34063FS8TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM34063FS8TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM34063FS8TG Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
GM34063 series
1.5A DC TO DC
CONVERTER CONTROL
5
Absolute Maximum Ratings
Parameter
Symbol
Vaule
Unit
Power Supply Voltage
VCC
40
Vdc
Comparator Input Voltage Range
VIR
-0.3 to +40
Vdc
Switch Collector Voltage
VC()switch
40
Vdc
Switch Emitter Voltage (PIN1 = 40V)
VE(switch)
40
Vdc
Switch Collector Emitter Voltage
VCE(switch)
40
Vdc
Driver Collector Voltage
VC(driver)
40
Vdc
Driver Collect Current (Note 1)
IC(driver)
100
mA
Switch Current
ISW
1.5
A
DIP 8
780
Power dissipation
SO 8
510
mW
GM34063
0 to 70
GM34063E
-40 to 125
Operating Temperature Range
GM34063F
-25 to 85
°C
Storage Temperature
- 65 to 150
°C
Lead Temperature (soldering 10 sec.)
260
°C
Note 1. Maximum package power dissipation limits must be observed


Similar Part No. - GM34063FS8TG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM34063 ETC1-GM34063 Datasheet
182Kb / 10P
   1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063 Datasheet
2Mb / 1P
   PWM Switching Regulators
GM34063 GAMMA-GM34063 Datasheet
297Kb / 16P
   1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
List of Unclassifed Man...
GM34063D8 ETC1-GM34063D8 Datasheet
182Kb / 10P
   1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
Gamma Microelectronics ...
GM34063D8T GAMMA-GM34063D8T Datasheet
297Kb / 16P
   1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
More results

Similar Description - GM34063FS8TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063 Datasheet
297Kb / 16P
   1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
List of Unclassifed Man...
GM34063 ETC1-GM34063 Datasheet
182Kb / 10P
   1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
First Components Intern...
MC34063A FCI-MC34063A Datasheet
826Kb / 9P
   DC -TO- DC CONVERTER CONTROL CIRCUITS Current Switch Current to 1.5A
logo
Rohm
RTF015P02 ROHM-RTF015P02 Datasheet
87Kb / 5P
   DC-DC Converter (-20V, -1.5A)
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
System Logic Semiconduc...
SL34063A SLS-SL34063A Datasheet
73Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
   DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Linear Dimensions Semic...
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com