Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6250-2.2T92BG Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM6250-2.2T92BG
Description  300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6250-2.2T92BG Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM6250-2.2T92BG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6250-2.2T92BG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6250-2.2T92BG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6250-2.2T92BG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6250-2.2T92BG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6250-2.2T92BG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6250-2.2T92BG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6250-2.2T92BG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6250-2.2T92BG Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
GM6250
300mA ULTRA LOW DROPOUT
POSITIVE VOLTAGE REGULATOR
Marking Information and Pin Configurations (Top View)
SOT23
TO92
SOT89
EA: Device Code
V: Voltage Code (see next page)
Y: Year (8 = 2008, 9 = 2009 ….)
W: Week Code
Week 1-26 : A – Z
Week 27-52 : A - Z
Week 53 : A
VV: Voltage suffix (18 = 1.8V, 50 = 5.0V…)
A: Assembly Site Code
Y: Year (8 = 2008, 9 = 2009 ….)
WW: Week Code
Marking Information and Pin Configurations – Green Product(Top View)
SOT23
TO92
SOT89
EA: Device Code, Green Product
V: Voltage Code (see next page)
Y: Year (8 = 2008, 9 = 2009 ….)
W: Week Code
Week 1-26 : A – Z
Week 27-52 : A - Z
Week 53 : A
G: Green Product
VV: Voltage suffix (18 = 1.8V, 50 = 5.0V…)
A: Assembly Site Code
Y: Year (8 = 2008, 9 = 2009 ….)
WW: Week Code
GM6250
VVAYWW
1
VSS
2
VIN
3
VOUT
EAVYW
1
VSS
VIN
2
3
VOUT
6250
VV
AYWW
1
VSS
2
VIN
3
VOUT
GM6250G
VVAYWW
1
VSS
2
VIN
3
VOUT
EAVYW
1
VSS
VIN
2
3
VOUT
6250G
VV
AYWW
1
VSS
2
VIN
3
VOUT


Similar Part No. - GM6250-2.2T92BG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6250-2.2T92B GAMMA-GM6250-2.2T92B Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6250-2.2T92BG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 GAMMA-GM6251_1 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9162 RICHTEK-RT9162_07 Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
RT9162 RICHTEK-RT9162 Datasheet
142Kb / 6P
   300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Advanced Power Electron...
APU8836 A-POWER-APU8836 Datasheet
314Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
APU1205 A-POWER-APU1205_14 Datasheet
218Kb / 5P
   300mA ULTRA LOW DROPOUT POSITIVE
APU8836 A-POWER-APU8836_14 Datasheet
287Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com