Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMR20H100CTB3T Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GMR20H100CTB3T
Description  20A SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMR20H100CTB3T Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GMR20H100CTB3T Datasheet HTML 1Page - Gamma Microelectronics Inc. GMR20H100CTB3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GMR20H100CTB3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GMR20H100CTB3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GMR20H100CTB3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GMR20H100CTB3T Datasheet HTML 6Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
GMR20H100C
20A SCHOTTKY RECTIFIER
TO – 3PF
10:
Maximum average forward rectified current - 20A
H:
Low VF family
100: Repetitive peak reverse voltage - 100V
C:
Dual Cathode Common
A:
Assembly Location
Y:
Year
WW: Work Week
TO - 220FPAB & TO - 220AB
20H100C
AYWW
20H100C
AYWW
Applications
Switching Power Supply
Industrial Application
Computer and Peripheral
Home Appliance
Consumer Product
Battery Charger/Adapter
LCD Monitor/TV
AC-DC Converter
DC-DC Converter
Telecommunication
Free Wheeling Diodes
Polarity Protection
Marking Information and Pin Configurations (Top View)
Description
Dual center tap Schottky rectifier designed for high
frequency Switched Mode Power Supplies.
Features
High junction temperature capability
Good trade off between leakage current
and forward voltage drop
Low leakage current


Similar Part No. - GMR20H100CTB3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMR20H100CTB3T GAMMA-GMR20H100CTB3T Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - GMR20H100CTB3T

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MBR20200CT DIGITRON-MBR20200CT Datasheet
548Kb / 3P
   20A SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H45C GAMMA-GMR20H45C Datasheet
110Kb / 6P
   20A SCHOTTKY RECTIFIER
GMR20H60C GAMMA-GMR20H60C Datasheet
371Kb / 6P
   20A SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C_1 Datasheet
110Kb / 6P
   20A SCHOTTKY RECTIFIER
GMR30H45C GAMMA-GMR30H45C_1 Datasheet
110Kb / 6P
   20A SCHOTTKY RECTIFIER
GMR20H150C GAMMA-GMR20H150C_1 Datasheet
110Kb / 6P
   20A SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
Chip Integration Techno...
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
   20A Trench Schottky Rectifier
logo
DIYI Electronic Technol...
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com