Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMR20H45CTPF3 Datasheet(PDF) 3 Page - Gamma Microelectronics Inc.

Part # GMR20H45CTPF3
Description  20A SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMR20H45CTPF3 Datasheet(HTML) 3 Page - Gamma Microelectronics Inc.

  GMR20H45CTPF3 Datasheet HTML 1Page - Gamma Microelectronics Inc. GMR20H45CTPF3 Datasheet HTML 2Page - Gamma Microelectronics Inc. GMR20H45CTPF3 Datasheet HTML 3Page - Gamma Microelectronics Inc. GMR20H45CTPF3 Datasheet HTML 4Page - Gamma Microelectronics Inc. GMR20H45CTPF3 Datasheet HTML 5Page - Gamma Microelectronics Inc. GMR20H45CTPF3 Datasheet HTML 6Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
GMR20H45C
20A SCHOTTKY RECTIFIER
Absolute Maximum Ratings
PARAMETER
SYMBOL
VALUE
UNITS
Repetitive Peak Reverse Voltage
VRPM
45
V
RMS Forward Current
IF(RMS)
20
A
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
IFSM
135
A
Maximum Operating Junction Temperature
TJ,
175
°C
Operating storage temperature
TSTG
-45 to +150
°C
Voltage Rate of Change
dV/dt
10,000
V/µs
Electrostatic Discharge Voltage. JEDEC Method. ESD HBM.
Contact
VESD
± 8
kV
Thermal Characteristics
PARAMETER
SYMBOL
TO220AB
TO220FPAB
TO-3PF
UNITS
Typical thermal resistance
ӨJC
2.4
4.2
1.2
°C/W
Electrical Characteristics (per diode) TJ = 25°C, Unless otherwise noted
PARAMETER
SYMBOL
Test Condition
Min
Typ
Max
Units
DC Forward Voltage
VF
IF = 10A
0.66
0.68
V
Average Rectified Forward
Current
IF(AV)
10.0
A
VR = 45V
-
-
5
µA
Maximum Reverse Current
IR
VR = 45V, TJ = 125°C
-
6
mA


Similar Part No. - GMR20H45CTPF3

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMR20H100C GAMMA-GMR20H100C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H100C GAMMA-GMR20H100C Datasheet
110Kb / 6P
   20A SCHOTTKY RECTIFIER
GMR20H100CTA3R GAMMA-GMR20H100CTA3R Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H100CTA3T GAMMA-GMR20H100CTA3T Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H100CTB3T GAMMA-GMR20H100CTB3T Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - GMR20H45CTPF3

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MBR20200CT DIGITRON-MBR20200CT Datasheet
548Kb / 3P
   20A SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H60C GAMMA-GMR20H60C Datasheet
371Kb / 6P
   20A SCHOTTKY RECTIFIER
GMR20H100C GAMMA-GMR20H100C_1 Datasheet
110Kb / 6P
   20A SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C_1 Datasheet
110Kb / 6P
   20A SCHOTTKY RECTIFIER
GMR30H45C GAMMA-GMR30H45C_1 Datasheet
110Kb / 6P
   20A SCHOTTKY RECTIFIER
GMR20H150C GAMMA-GMR20H150C_1 Datasheet
110Kb / 6P
   20A SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
Chip Integration Techno...
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
   20A Trench Schottky Rectifier
logo
DIYI Electronic Technol...
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com