Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMR20H150CTBF3T Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GMR20H150CTBF3T
Description  20A SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMR20H150CTBF3T Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GMR20H150CTBF3T Datasheet HTML 1Page - Gamma Microelectronics Inc. GMR20H150CTBF3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GMR20H150CTBF3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GMR20H150CTBF3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GMR20H150CTBF3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GMR20H150CTBF3T Datasheet HTML 6Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
GMR20H150C
20A SCHOTTKY RECTIFIER
9.40 ± 0.20
4.70 ± 0.20
Φ1.50 ± 0.10
2.54 ± 0.20
3.30 ± 0.10
6.68 ± 0.20
15.87 ± 0.20
1.00 X
MAX 1.47
2.75 ± 0.20
Unit: mm
45°
0.70
Φ3.18 ± 0.10
7.00
15.87± 0.20
10.16 ± 0.20
1.50
15.80 ± 0.20
9.75 ± 0.30
0.80 ± 0.10
+0.13
- 0.05
0.5
2.54 TYP
(2.54 ± 0.20)
Φ1.6 ± 0.10
6.50
5 ± 0.10
Package Outline Dimensions – TO220FPAB


Similar Part No. - GMR20H150CTBF3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMR20H150CTBF3T GAMMA-GMR20H150CTBF3T Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - GMR20H150CTBF3T

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MBR20200CT DIGITRON-MBR20200CT Datasheet
548Kb / 3P
   20A SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H45C GAMMA-GMR20H45C Datasheet
110Kb / 6P
   20A SCHOTTKY RECTIFIER
GMR20H60C GAMMA-GMR20H60C Datasheet
371Kb / 6P
   20A SCHOTTKY RECTIFIER
GMR20H100C GAMMA-GMR20H100C_1 Datasheet
110Kb / 6P
   20A SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C_1 Datasheet
110Kb / 6P
   20A SCHOTTKY RECTIFIER
GMR30H45C GAMMA-GMR30H45C_1 Datasheet
110Kb / 6P
   20A SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
Chip Integration Techno...
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
   20A Trench Schottky Rectifier
logo
DIYI Electronic Technol...
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com