Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1017NTR Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1017NTR
Description  4-Pin SOP OptoMOS짰 Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1017NTR Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1017NTR Datasheet HTML 1Page - Clare, Inc. CPC1017NTR Datasheet HTML 2Page - Clare, Inc. CPC1017NTR Datasheet HTML 3Page - Clare, Inc. CPC1017NTR Datasheet HTML 4Page - Clare, Inc. CPC1017NTR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC1017N-R05
1
CPC1017N
4-Pin SOP OptoMOS® Relays
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC1017N
4-Pin SOP (100/tube)
CPC1017NTR
4-Pin SOP (2000/reel)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
100
mA
Max On-resistance
16
Ω
LED Current to operate
1
mA
Applications
Features
Description
Ordering Information
Pin Configuration
Security
Passive Infrared Detectors (PIR)
Data Signalling
Sensor Circuitry
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment—Patient/Equipment Isolation
Aerospace
Industrial Controls
Designed for use in security systems complying
with EN50130-4
Only 1mA of LED current required to operate
Small 4-Pin SOP Package
TTL/CMOS Compatible input
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
1500V
rms Input/Output Isolation
No EMI/RFI Generation
Immune to radiated EM fields
SMD Pick & Place, Wave Solderable
Tape & Reel Version Available
The CPC1017N is a miniature 1-Form-A (single
pole, normally open) solid state relay in a 4-pin SOP
package that employs optically coupled MOSFET
technology to provide 1500V
rms of input/output
isolation. The super-efficient MOSFET switches and
photovoltaic die use Clare’s patented OptoMOS
architecture. The optically coupled input is controlled
by a highly efficient GaAIAs infrared LED. The
CPC1017N uses Clare’s state of the art
double-molded vertical construction packaging to
produce one of the world’s smallest relays. The
CPC1017N offers board space savings of at least
20% over the competitor’s larger 4-pin SOP relay.
Switching Characteristics of Normally
Open (Form A) Devices
Control
I
LOAD
10%
90%
t
ON
+
+
t
OFF
Approvals
UL Recognized Component: File # E76270
EN/IEC 60950-1 Compliant
CSA Certified Component: Certificate # 1172007
1
2
3
4
+ Control
– Control
Load
Load


Similar Part No. - CPC1017NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1017NTR CLARE-CPC1017NTR Datasheet
132Kb / 6P
   4 Pin SOP OptoMOS Relays
logo
IXYS Corporation
CPC1017NTR IXYS-CPC1017NTR Datasheet
137Kb / 6P
   60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results

Similar Description - CPC1017NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1150N CLARE-CPC1150N_1 Datasheet
112Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1117N CLARE-CPC1117N_1 Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1230N CLARE-CPC1230N_1 Datasheet
112Kb / 5P
   4 Pin SOP OptoMOS짰 Relay
CPC1035N CLARE-CPC1035N_1 Datasheet
112Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1002N CLARE-CPC1002N_1 Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1008N CLARE-CPC1008N_1 Datasheet
127Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1014N CLARE-CPC1014N Datasheet
114Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1019N CLARE-CPC1019N Datasheet
114Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1225N CLARE-CPC1225N Datasheet
114Kb / 5P
   4 Pin SOP OptoMOS짰 Relay
CPC1004N CLARE-CPC1004N_1 Datasheet
112Kb / 5P
   4 Pin SOP OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com