Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6250-2.85T92BG Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM6250-2.85T92BG
Description  300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6250-2.85T92BG Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM6250-2.85T92BG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6250-2.85T92BG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6250-2.85T92BG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6250-2.85T92BG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6250-2.85T92BG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6250-2.85T92BG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6250-2.85T92BG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6250-2.85T92BG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6250-2.85T92BG Datasheet HTML 11Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
GM6250
300mA ULTRA LOW DROPOUT
POSITIVE VOLTAGE REGULATOR
Absolute Maximum Ratings
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
12
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS – 0.3 to VIN +0.3
V
SOT-23
150
SOT-89
500
Continuous Total Power
Dissipation
TO-92
PD
300
mW
Operating Ambient Temperature
TA
- 40 to 125
Storage Temperature
Tstg
- 65 to 150
Lead Temperature (Soldering, 10 sec)
+ 260
Block Diagram
VOUT
Voltage
Reference
Current
Limit
VIN
VSS


Similar Part No. - GM6250-2.85T92BG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6250-2.85T92B ETC2-GM6250-2.85T92B Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6250-2.85T92B GAMMA-GM6250-2.85T92B Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6250-2.85T92BG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 GAMMA-GM6251_1 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9162 RICHTEK-RT9162_07 Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
RT9162 RICHTEK-RT9162 Datasheet
142Kb / 6P
   300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Advanced Power Electron...
APU8836 A-POWER-APU8836 Datasheet
314Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
APU1205 A-POWER-APU1205_14 Datasheet
218Kb / 5P
   300mA ULTRA LOW DROPOUT POSITIVE
APU8836 A-POWER-APU8836_14 Datasheet
287Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com