Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6250-2.85ST89RG Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM6250-2.85ST89RG
Description  300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6250-2.85ST89RG Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM6250-2.85ST89RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6250-2.85ST89RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6250-2.85ST89RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6250-2.85ST89RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6250-2.85ST89RG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6250-2.85ST89RG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6250-2.85ST89RG Datasheet HTML 11Page - Gamma Microelectronics Inc. GM6250-2.85ST89RG Datasheet HTML 12Page - Gamma Microelectronics Inc. GM6250-2.85ST89RG Datasheet HTML 13Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
GM6250
300mA ULTRA LOW DROPOUT
POSITIVE VOLTAGE REGULATOR
Application Note
Notes on Usage
1.
It is recommended to operate the GM6250 series within the stipulated absolute maximum ratings
as the IC is liable to malfunction it is operated outside the ratings.
2.
There is a possibility of heat or oscillation as a result of the impedance present between the
power supply and the IC's input. Where impedance is greater 10Ω, it is recommend to use a
capacitor (CIN) of at least 1µF at the input terminal.
3.
With a large output current, operations can be stabilized by increasing capacitor size (CIN). If CIN
is too small and capacitance of (CL) is increased, there is a possibility of oscillation due to input
impedance. In such case, operation can be stabilized by either increasing the size of CIN or
decreasing the size of CL.
4.
Please ensure the output current (IOUT) is less than Pd ÷ (VIN - VOUT) and does not exceed the
stipulated continuous for total power dissipation value (Pd) for the package.
CALCULATING POWER DISSIPATION
The GM6250 series precision linear regulators include thermal shutdown and current limit circuitry to
protect the devices. However, high power regulators normally operate at high junction temperatures so
it is important to calculate the power dissipation and junction temperatures accurately to be sure that
you use and adequate heat sink.
The thermal characteristics of an IC depend four factors:
1.
Maximum Ambient Temperature T
A ()
2.
Power Dissipation P
D (Watts)
3.
Maximum Junction Temperature T
J ()
4.
Thermal Resistance Junction to ambient R
JA (℃/W)
These relationship of these four factors is expressed by equation : T
J = TA + PD X RJA
Maximum ambient temperature and power dissipation are determined by the design while the
maximum junction temperature and thermal resistance depend on the manufacturer and the package
type.


Similar Part No. - GM6250-2.85ST89RG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6250-2.85ST89R ETC2-GM6250-2.85ST89R Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6250-2.85ST89R GAMMA-GM6250-2.85ST89R Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6250-2.85ST89RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 GAMMA-GM6251_1 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9162 RICHTEK-RT9162_07 Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
RT9162 RICHTEK-RT9162 Datasheet
142Kb / 6P
   300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Advanced Power Electron...
APU8836 A-POWER-APU8836 Datasheet
314Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
APU1205 A-POWER-APU1205_14 Datasheet
218Kb / 5P
   300mA ULTRA LOW DROPOUT POSITIVE
APU8836 A-POWER-APU8836_14 Datasheet
287Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com