Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1466M Datasheet(PDF) 10 Page - Clare, Inc.

Part # CPC1466M
Description  Broadband ADSL/VDSL DC Termination IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1466M Datasheet(HTML) 10 Page - Clare, Inc.

Back Button CPC1466M Datasheet HTML 6Page - Clare, Inc. CPC1466M Datasheet HTML 7Page - Clare, Inc. CPC1466M Datasheet HTML 8Page - Clare, Inc. CPC1466M Datasheet HTML 9Page - Clare, Inc. CPC1466M Datasheet HTML 10Page - Clare, Inc. CPC1466M Datasheet HTML 11Page - Clare, Inc. CPC1466M Datasheet HTML 12Page - Clare, Inc. CPC1466M Datasheet HTML 13Page - Clare, Inc. CPC1466M Datasheet HTML 14Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CPC1466
10
www.clare.com
R00B
2. Functional Description
2.1 Introduction
The CPC1466 can be used for a number of DSL
designs requiring a dc hold circuit such as ADSL
modem applications. Typical ADSL applications will
use a filter circuit design similar to the one shown in
Figure 9‚ “Typical ADSL/VDSL Application Diagram”
on page 9.
The DC Termination IC performs two fundamental
functions in an ADSL modem application; as an
electronic inductor providing a low impedance dc
termination with a high impedance ac termination and
second as part of the sealing current detection system
for automated line sensing. This function provides an
excellent method to monitor for the presence of
sealing current. Generally, loss of sealing current
indicates loop loss.
As can be seen in the application circuit in Figure 9 on
page 9, CPC1466 designs require few external
components. For the CPC1466, all that is needed is a
circuit protector, two resistors and a capacitor. To
ensure DSL signal integrity over a wide variety of
conditions a POTS splitter type filter is recommended
to isolate the DSL traffic from the termination.
2.2 Surge Protection
Although the CPC1466 self protects via current
limiting, it requires over-voltage surge protection to
protect against destructive over-voltage transients.
Clare recommends the use of a crowbar-type surge
protector to limit the surge voltage seen by the
CPC1466 to less than 250 V. The protection device
must be able to withstand the surge requirements
specified by the appropriate governing agency in
regions where the product will be deployed. Teccor,
Inc. and Bourns, Inc. make suitable surge protectors
for most applications. Devices such as Teccor’s
P1800SD or P2000SD Sidactors and Bourns’
TISP4220H3BJ or TISP4240H3BJ thyristors should
provide suitable protection.
2.3 Bridge Rectifier
The bridge rectifier in the CPC1466 ensures that the
device is polarity insensitive and provides consistent
operational characteristics if the tip to ring polarity is
reversed.
2.4 State Transitions
The dc tip to ring voltage-current characteristics of the
CPC1466 are shown in Figure 2‚ “I-V Requirements
Template, 0 V to 50 V”, and in Figure 3‚ “I-V
Requirements Template, 0 V to 250 V” on page 5.
Transition timings are illustrated in Figure 6‚ “Applied
Waveform for Activation Test”, and in Figure 7‚
“Applied Waveform for Deactivation Test”. The test
configuration for these timings is given in Figure 5‚
“Test Circuit for Activate and Deactivate Times”. All
timing figures are located on page 7.
State transition timings are set by the 1
µF capacitor
connected between the TC and COM pins.
2.4.1 Activation - On-State
Application of battery voltage to the loop causes the
CPC1466 to conduct whenever the voltage exceeds
approximately 35 V. With application of sufficient
voltage applied across the tip and ring terminals, the
CPC1466 will initially conduct a nominal 150
µA of
sealing current for approximately 20 ms prior to
activation. Once activated, the CPC1466 will remain in
the on state for as long as the loop current exceeds a
nominal 0.5 mA.
The CPC1466 turn-on timing circuit assures device
activation will occur within 50 ms of an applied voltage
greater than 43.5 V but not within the first 3 ms.
2.4.2 Deactivation - Off-State
While the CPC1466 activation protocol is based on an
initial minimum voltage level, deactivation is based on
a diminished sealing current level. Deactivation occurs
when the nominal sealing current level drops below
0.5 mA with guaranteed deactivation occurring for
sealing current levels less than 0.1 mA
The turn-off timing circuit deactivates the sealing
current hold circuit when 1 mA of sealing current has
been removed for 100 ms but ignores periods of loss
up to 3 ms.
2.5 Photo-Diode (PD) Output Behavior
Output from the PD pin provides a minimum of 0.2 mA
of photodiode drive current for an optocoupler’s LED
anytime sealing current exceeds 1 mA.
Because LED current is interrupted whenever loop
current is interrupted, the optocoupler provides an


Similar Part No. - CPC1466M

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1466M IXYS-CPC1466M Datasheet
268Kb / 14P
   Broadband ADSL/VDSL DC Termination IC
CPC1466MTR IXYS-CPC1466MTR Datasheet
268Kb / 14P
   Broadband ADSL/VDSL DC Termination IC
More results

Similar Description - CPC1466M

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1466 IXYS-CPC1466 Datasheet
268Kb / 14P
   Broadband ADSL/VDSL DC Termination IC
logo
Clare, Inc.
CPC1465 CLARE-CPC1465 Datasheet
481Kb / 15P
   SHDSL/ISDN DC Termination IC
logo
IXYS Corporation
CPC1465 IXYS-CPC1465 Datasheet
289Kb / 15P
   SHDSL/ISDN DC Termination IC
logo
XFMRS Inc.
XF1406-TH XFMRS-XF1406-TH Datasheet
58Kb / 1P
   COMMON MODE CHOKE FOR ADSL AND VDSL
XF0506-CMC11 XFMRS-XF0506-CMC11 Datasheet
41Kb / 1P
   COMMON MODE CHOKE FOR ADSL AND VDSL
logo
Pulse A Technitrol Comp...
B912 PULSE-B912 Datasheet
690Kb / 2P
   Common Mode Chokes For ADSL and VDSL
logo
XFMRS Inc.
XF0406-CMC10 XFMRS-XF0406-CMC10 Datasheet
39Kb / 1P
   COMMON MODE CHOKE FOR ADSL AND VDSL
XF0506-CMC11 XFMRS-XF0506-CMC11_10 Datasheet
106Kb / 1P
   COMMON MODE CHOKE FOR ADSL AND VDSL
logo
Bothhand USA, LP.
BCM-4003 BOTHHAND-BCM-4003 Datasheet
139Kb / 1P
   COMMON MODE CHOKE FOR ADSL AND VDSL
logo
Pulse A Technitrol Comp...
B4003NLT PULSE-B4003NLT Datasheet
690Kb / 2P
   Common Mode Chokes For ADSL and VDSL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com