Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66150-1.8ST3RG Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM66150-1.8ST3RG
Description  1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66150-1.8ST3RG Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM66150-1.8ST3RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66150-1.8ST3RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66150-1.8ST3RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66150-1.8ST3RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66150-1.8ST3RG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66150-1.8ST3RG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM66150-1.8ST3RG Datasheet HTML 11Page - Gamma Microelectronics Inc. GM66150-1.8ST3RG Datasheet HTML 12Page - Gamma Microelectronics Inc. GM66150-1.8ST3RG Datasheet HTML 13Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
2009/5/18
GM66150 Series
1.5A ULTRA LOW DROPOUT VOLTAGE
REGULATORS
Ordering Information – Green Product
Ordering Number
Output Voltage
Package
Shipping
GM66151
GM66151-1.5TA5TG
1.5V
TO-263-5
50 Units/Tube
GM66151-1.5TA5RG
1.5V
TO-263-5
800 Units / Reel
GM66151-1.5TB5TG
1.5V
TO-220-5
50 Units/Tube
GM66151-1.8TA5TG
1.8V
TO-263-5
50 Units/Tube
GM66151-1.8TA5RG
1.8V
TO-263-5
800 Units / Reel
GM66151-1.8TB5TG
1.8V
TO-220-5
50 Units/Tube
GM66151-2.5TA5TG
2.5V
TO-263-5
50 Units/Tube
GM66151-2.5TA5RG
2.5V
TO-263-5
800 Units / Reel
GM66151-2.5TB5TG
2.5V
TO-220-5
50 Units/Tube
GM66151-3.0TA5TG
3.0V
TO-263-5
50 Units/Tube
GM66151-3.0TA5RG
3.0V
TO-263-5
800 Units / Reel
GM66151-3.0TB5TG
3.0V
TO-220-5
50 Units/Tube
GM66151-3.3TA5TG
3.3V
TO-263-5
50 Units/Tube
GM66151-3.3TA5RG
3.3V
TO-263-5
800 Units / Reel
GM66151-3.3TB5TG
3.3V
TO-220-5
50 Units/Tube
GM66151-5.0TA5TG
5.0V
TO-263-5
50 Units/Tube
GM66151-5.0TA5RG
5.0V
TO-263-5
800 Units / Reel
GM66151-5.0TB5TG
5.0V
TO-220-5
50 Units/Tube
GM66151-12TA5TG
12V
TO-263-5
50 Units/Tube
GM66151-12TA5RG
12V
TO-263-5
800 Units / Reel
GM66151-12TB5TG
12V
TO-220-5
50 Units/Tube


Similar Part No. - GM66150-1.8ST3RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66150-1.8TA3R GAMMA-GM66150-1.8TA3R Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
GM66150-1.8TA3T GAMMA-GM66150-1.8TA3T Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
GM66150-1.8TA5R GAMMA-GM66150-1.8TA5R Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
GM66150-1.8TA5T GAMMA-GM66150-1.8TA5T Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
GM66150-1.8TB3R GAMMA-GM66150-1.8TB3R Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
More results

Similar Description - GM66150-1.8ST3RG

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
AMS1501 ADMOS-AMS1501_05 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
National Semiconductor ...
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962 NSC-LP3962 Datasheet
484Kb / 22P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3962 TI-LP3962_15 Datasheet
4Mb / 34P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com