Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6250-5.0ST89RG Datasheet(PDF) 10 Page - Gamma Microelectronics Inc.

Part # GM6250-5.0ST89RG
Description  300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6250-5.0ST89RG Datasheet(HTML) 10 Page - Gamma Microelectronics Inc.

Back Button GM6250-5.0ST89RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6250-5.0ST89RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6250-5.0ST89RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6250-5.0ST89RG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6250-5.0ST89RG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6250-5.0ST89RG Datasheet HTML 11Page - Gamma Microelectronics Inc. GM6250-5.0ST89RG Datasheet HTML 12Page - Gamma Microelectronics Inc. GM6250-5.0ST89RG Datasheet HTML 13Page - Gamma Microelectronics Inc. GM6250-5.0ST89RG Datasheet HTML 14Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
GM6250
300mA ULTRA LOW DROPOUT
POSITIVE VOLTAGE REGULATOR
3.20
3.00
IOUT=1mA
2.80
40mA
10mA
2.60
TOPR = 25°C
CIN=1µF
CL=1µF
2.40
2.20
2.5
3.0
Input Voltage: VIN (V)
Figure 3: Output Voltage vs.
Input voltage
3.5
3.10
3.05
IOUT=1mA
3.00
10mA
40mA
2.95
Input Voltage: VIN(V)
2.90
2.85
3
10
Figure 4: Output Voltage vs.
Input voltage
4
5
6
8
7
9
TOPR = 25°C
CIN=1µF
CL=1µF
3.0
2.0
1.0
0
0
2
4
6
Input Voltage: VIN(V)
10
Figure 5: Supply Current vs.
Input Voltage
TOPR = 25°C
8
2.50
2.25
2.00
1.75
1.50
3
4
5
6
7
8
9
Input Voltage: VIN(V)
10
Figure 6: Supply Current vs.
Input Voltage
TOPR = 25°C
Typical Performance Characteristics (for GM6250-3.0)
3.1
3.0
2.9
2.8
2.7
0
Output Current: IOUT (mA)
Figure 1: Output Voltage vs.
Output Current
180
TOPR = 25°C
VIN = 4V
CIN = 1µF
CL = 11µF
160
140
120
100
80
60
40
20
1.0
0.8
0.6
0.4
0.2
0.0
-0.2
Figure 2: Input/ Output Voltage differential
vs. Output Current
CIN = 1µF
CL = 11µF
TOPR = 25°C
180
160
140
120
100
80
60
40
20


Similar Part No. - GM6250-5.0ST89RG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6250-5.0ST89R ETC2-GM6250-5.0ST89R Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6250-5.0ST89RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 GAMMA-GM6251_1 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9162 RICHTEK-RT9162_07 Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
RT9162 RICHTEK-RT9162 Datasheet
142Kb / 6P
   300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Advanced Power Electron...
APU8836 A-POWER-APU8836 Datasheet
314Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
APU1205 A-POWER-APU1205_14 Datasheet
218Kb / 5P
   300mA ULTRA LOW DROPOUT POSITIVE
APU8836 A-POWER-APU8836_14 Datasheet
287Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com