Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV07211-C00A Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV07211-C00A
Description  high-performance, all-digital security camera solution
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV07211-C00A Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV07211-C00A Datasheet HTML 1Page - OmniVision Technologies, Inc. OV07211-C00A Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
applications
¬ security/surveillance cameras
¬ video conferencing
¬ video phones
¬ video e-mail
¬ toys
OV7710
block diagram
Version 2.8, May, 2006
OmniVision reserves the right to make changes to their products or to discontinue
any product or service without further notice. ‘OmniVision’, the OmniVision logo,
‘VarioPixel’, and ‘OmniPixel’ are registered trademarks of OmniVision Technology. All
other trademarks are the property of their respective owners.
1341 Orleans Drive
Sunnyvale, CA 94089
USA
tel: + 1 408 542 3000
fax: + 1 408 542 3001
www.ovt.com
¬ OmniPixel2™ technology
¬ single chip 1/4", VGA sensor
¬ high sensitivity for low-light
operation
¬ master/slave compatible Serial
Camera Control Bus (SCCB)
control interface for register
programming
¬ low fixed pattern noise,
anti-blooming, zero smearing
¬ progressive scan
¬ horizontal mirroring and
vertical flipping
¬ white balance, exposure time,
gain control, etc.
¬ low power consumption
¬ external frame sync capability
(Genlock)
¬ SPI for overlay control
¬ supports two sets of dynamic
overlay control
product features
¬
array size: 656 x 492
¬
power supply
analog: 3.3VDC ± 10%
¬
power requirements
active: 140 mW typical
(30 fps VGA, YUV)
standby: TBD
¬
output format
10-bit raw data
8-bit YUV/RGB
¬
max image transfer rate
VGA: 30 fps
QVGA: 60 fps
¬
minimum illumination (3000K):
0.04 Lux @ f/1.2
¬
S/N ratio: 50 dB
¬
dynamic range: 53 dB
¬
scan mode: progressive
¬
electronic exposure: up to 521:1
(for selected fps)
¬
pixel size: 6.0μm x 6.0μm
¬
fixed pattern noise:
< 0.03% of V PEAK-TO-PEAK
¬
image area: 4.080 mm x 3.102 mm
¬
package dimensions:
14.22 mm x 14.22 mm
¬
temperature range:
-40/+105˚C in CLCC
product specifications
¬ finger print equipment
¬ medical and dental equipment
¬ OV07710-C00A
(color, CLCC-48)
¬ OV07211-C00A
(b&w, CLCC-48)
ordering information


Similar Part No. - OV07211-C00A

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV07211-F48V OMNIVISION-OV07211-F48V Datasheet
120Kb / 2P
   high-performance, all-digital automotive solution
More results

Similar Description - OV07211-C00A

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV07720-VL1A OMNIVISION-OV07720-VL1A Datasheet
142Kb / 2P
   high-performance, all-digital security camera solution
OV07725-VL1A OMNIVISION-OV07725-VL1A Datasheet
162Kb / 2P
   high performance, all-digital VGA camera solution
OV7725 OMNIVISION-OV7725 Datasheet
162Kb / 2P
   high performance, all-digital VGA camera solution
OV07710-F48V OMNIVISION-OV07710-F48V Datasheet
120Kb / 2P
   high-performance, all-digital automotive solution
logo
ATMEL Corporation
AT76C112 ATMEL-AT76C112 Datasheet
48Kb / 3P
   High Performance Digital Camera Processor
AT76C110 ATMEL-AT76C110 Datasheet
51Kb / 3P
   High- Performance Digital Camera Processor
logo
Hamamatsu Corporation
C7300-10 HAMAMATSU-C7300-10 Datasheet
74Kb / 2P
   High Performance Digital CCD Camera
logo
ATMEL Corporation
AT76C113 ATMEL-AT76C113 Datasheet
35Kb / 4P
   High- Performance Digital Camera Processor
AT76C111 ATMEL-AT76C111 Datasheet
51Kb / 3P
   High-Performance Digital Camera Processor
logo
List of Unclassifed Man...
IS-5114I ETC2-IS-5114I Datasheet
251Kb / 17P
   High-Performance Digital/Video Camera Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com