Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

05W580BBC Datasheet(PDF) 3 Page - HB Electronic Components

Part # 05W580BBC
Description  High bright output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

05W580BBC Datasheet(HTML) 3 Page - HB Electronic Components

  05W580BBC Datasheet HTML 1Page - HB Electronic Components 05W580BBC Datasheet HTML 2Page - HB Electronic Components 05W580BBC Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Hebei I.T. (Shanghai) Co.,Ltd.
Http
://www.hebeiltd.com.cn
LED SPECIFICATION
Page: 4 of 4
Part No.
05W580BBC
Typical electrical/optical characteristic curves
Ambient Temperature TA ( )
-40
0
20
0
0.5
1.0
1.5
80 90
60
40
2.0
2.5
-20
Fig.3
正向电流 Vs. 环境温度
Fig.4
相对亮度 Vs. 环境温度
Fig.2
相对亮度 Vs. 正向电流
Fig.1
正向电流 Vs. 正向电压
2.2
250
200
2.0
1.5
1.0
2.5
200
100
150
250
0.5
150
100
50
0
0
4.2
50
0
3.4
3.0
2.6
3.8
160
200
Forward Voltage(V)
IF-Forward Current (mA)
100
80
40
60
40
20
20
0
0
Ambient Temperature TA ( )
120
400
0
450
500
600
550
650
50
25
75
100
700
Wavelength
λ(nm)
Fig.5
相对亮度
Vs.
波长


Similar Part No. - 05W580BBC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
05W580BBC ETC2-05W580BBC Datasheet
148Kb / 3P
   LED SPECIFICATION
More results

Similar Description - 05W580BBC

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
05W913M4WC HB-05W913M4WC Datasheet
99Kb / 4P
   High bright output
05W580CYC HB-05W580CYC Datasheet
145Kb / 3P
   High bright output
05W913M4G2C HB-05W913M4G2C Datasheet
86Kb / 3P
   High bright output
7511MW2D-B HB-7511MW2D-B Datasheet
374Kb / 7P
   High bright output
05W580ERC HB-05W580ERC Datasheet
71Kb / 3P
   High bright output
105XG2D HB-105XG2D Datasheet
115Kb / 6P
   High bright output
130PG2C HB-130PG2C Datasheet
152Kb / 9P
   High bright output
130PWC HB-130PWC Datasheet
1Mb / 11P
   High bright output
05W913M4R2C HB-05W913M4R2C Datasheet
82Kb / 3P
   High bright output
05W580EW3C HB-05W580EW3C Datasheet
94Kb / 3P
   High bright output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com