Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

05W913M4WC Datasheet(PDF) 2 Page - HB Electronic Components

Part # 05W913M4WC
Description  High bright output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

05W913M4WC Datasheet(HTML) 2 Page - HB Electronic Components

  05W913M4WC Datasheet HTML 1Page - HB Electronic Components 05W913M4WC Datasheet HTML 2Page - HB Electronic Components 05W913M4WC Datasheet HTML 3Page - HB Electronic Components 05W913M4WC Datasheet HTML 4Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Hebei I.T.(Shanghai) Co.,Ltd.
Part No.:05W913M4WC
Http://www.hebeiltd.com.cn
Page: 2 of 4
FLUX LED SPECIFICATION
Absolute maximum ratings(Ta = 25℃)
Value
Parameter
Symbol
Test
Condition
Min.
Max.
Unit
Reverse Voltage
VR
IR = 10μA
5
----
V
Forward Current
IF
----
----
80
mA
Power Dissipation
Pd
----
----
300
mW
Pulse Current
Ipeak
Duty=0.1mS,1kHz
----
150
mA
Operating Temperature
Topr
----
-45
+85
Storage Temperature
Tstr
----
-40
+100
Electrical and optical characteristics (Ta = 25℃)
Value
Parameter
Color
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
W
VF
IF = 80mA
----
3.2
3.6
V
Reverse Current
W
IR
VR = 5V
----
----
10
μA
Luminous Intensity
W
IV
IF = 80mA
----
8.0
----
Lm
Viewing Angle
W
1/2
IF = 80mA
----
120
----
Deg.


Similar Part No. - 05W913M4WC

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
05W913M4WO4C HB-05W913M4WO4C Datasheet
166Kb / 4P
   High bright output
More results

Similar Description - 05W913M4WC

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
05W580BBC HB-05W580BBC Datasheet
149Kb / 3P
   High bright output
05W580CYC HB-05W580CYC Datasheet
145Kb / 3P
   High bright output
05W913M4G2C HB-05W913M4G2C Datasheet
86Kb / 3P
   High bright output
7511MW2D-B HB-7511MW2D-B Datasheet
374Kb / 7P
   High bright output
05W580ERC HB-05W580ERC Datasheet
71Kb / 3P
   High bright output
105XG2D HB-105XG2D Datasheet
115Kb / 6P
   High bright output
130PG2C HB-130PG2C Datasheet
152Kb / 9P
   High bright output
130PWC HB-130PWC Datasheet
1Mb / 11P
   High bright output
05W913M4R2C HB-05W913M4R2C Datasheet
82Kb / 3P
   High bright output
05W580EW3C HB-05W580EW3C Datasheet
94Kb / 3P
   High bright output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com