Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF-390 Datasheet(PDF) 2 Page - Harris Corporation

Part # RF-390
Description  MULTIBAND VEHICULAR ANTENNA SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-390 Datasheet(HTML) 2 Page - Harris Corporation

  RF-390 Datasheet HTML 1Page - Harris Corporation RF-390 Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications for the RF-390
Electrical
I
Frequency Range: 30 to 512 MHz
I
Polarization: Vertical
I
Impedance: 50
Ω (nominal)
I
VSWR: 3.5:1 (30-90), 2.5:1 (90-512)
I
Gain: -6 dB to +1 dB ref 1/4 Wave radiator
on 10’x10’x10’ Ground Plane
I
Power Rating: 50 W continuous
I
Matching: Passive, distributive
I
Radiation Pattern: Omnidirectional
Features
I
Instantaneous bandwidth for ECCM waveforms
I
Dual or single port
I
Multi-sectional
I
Standard NATO bolt pattern
I
Feed through base with spring
I
High voltage protection
Models
Antenna
Connector
Color Matrix
RF-390-AT001
Dual BNC port
CARC Green 383
RF-390-AT002
Dual BNC port
CARC Tan
RF-390-AT003
Single Type N port
CARC Green 383
RF-390-AT004
Single Type N port
CARC Tan
RF-390-AT005
Single BNC port
CARC Green 383
RF-390-AT006
Single BNC port
CARC Tan
Mechanical
I
Height: 2.8 m (110 in)
I
Weight: 3.5 kg
I
RF Connector: BNC female or Type N
I
Color: CARC 383 Green or CARC Tan
I
Wind Rating: 70 mph
I
HV Protection: 20 kV RMS
I
Mounting: Four 0.5 in holes spaced on 4.5” BHC
(Hardware included)
Bolts directly to RF-292 (not included)
Radiation Patterns Over Average Ground
30 MHz
60 MHz
90 MHz
150 MHz
100 MHz
-90
90
0
90
90
0
450 MHz
300 MHz
90
90
0
Specifications are subject to change without notice.
RF Communications Division | 1680 University Avenue | Rochester, NY USA 14610
www.harris.com 1-585-244-5830
Copyright © 2005 Harris Corporation 8/05 DS-287A
®
assuredcommunications


Similar Part No. - RF-390

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-397 HARRIS-RF-397 Datasheet
288Kb / 2P
   VEHICULAR UHF ANTENNA
RF-398-01 HARRIS-RF-398-01 Datasheet
320Kb / 2P
   VHF LOW-BAND VERTICAL MONOPOLE ANTENNA
RF-398-02 HARRIS-RF-398-02 Datasheet
298Kb / 2P
   VHF LOW-BAND, VERTICAL DIPOLE ANTENNA SERIES
RF-398-03 HARRIS-RF-398-03 Datasheet
298Kb / 2P
   VHF LOW-BAND, VERTICAL DIPOLE ANTENNA SERIES
More results

Similar Description - RF-390

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-3183-AT0XX HARRIS-RF-3183-AT0XX Datasheet
260Kb / 2P
   MULTIBAND VEHICULAR ANTENNA SERIES
logo
Pulse A Technitrol Comp...
GPSLPMB403 PULSE-GPSLPMB403 Datasheet
3Mb / 41P
   2xLTE, WIFI, GNSS MULTIBAND VEHICULAR ANTENNA
ARMXXXXXAM PULSE-ARMXXXXXAM Datasheet
4Mb / 25P
   Vehicular Multiband Antenna with Adhesive Mount
GPSLPMB401 PULSE-GPSLPMB401 Datasheet
2Mb / 39P
   : 2xLTE, WiFi , GNSS Multiband Vehicular Antenna
ARMXXXXXDM PULSE-ARMXXXXXDM Datasheet
4Mb / 26P
   Vehicular Multiband Antenna with Direct Mount
ARMXXXXXMM PULSE-ARMXXXXXMM Datasheet
3Mb / 25P
   : Vehicular Multiband Antenna with Magnetic Mount
logo
Harris Corporation
RF-7850M-V511 HARRIS-RF-7850M-V511 Datasheet
166Kb / 2P
   MULTIBAND NETWORKING VEHICULAR RADIO
ANVRC-103 HARRIS-ANVRC-103 Datasheet
1Mb / 2P
   MULTIBAND, MULTIMISSION VEHICULAR RADIO SYSTEM
logo
Laird Tech Smart Techno...
VMX24493RSM-XXX LSTD-VMX24493RSM-XXX Datasheet
261Kb / 1P
   Vehicular MIMO Antenna
logo
Raltron Electronics Cor...
RST-MB-P-157-SMA-G RALTRON-RST-MB-P-157-SMA-G Datasheet
174Kb / 2P
   MULTIBAND ANTENNA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com