Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1718J Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC1718J
Description  ISOPLUS??264 DC Power Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1718J Datasheet(HTML) 5 Page - Clare, Inc.

  CPC1718J Datasheet HTML 1Page - Clare, Inc. CPC1718J Datasheet HTML 2Page - Clare, Inc. CPC1718J Datasheet HTML 3Page - Clare, Inc. CPC1718J Datasheet HTML 4Page - Clare, Inc. CPC1718J Datasheet HTML 5Page - Clare, Inc. CPC1718J Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CPC1718
www.clare.com
5
R02
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
CPC1718
Typical I
F for Switch Operation
vs. Temperature
(I
L=1ADC)
Temperature (ºC)
-40
0.066
0.060
0.054
0.048
0.042
0.036
0.030
0.024
0.018
0.012
-20
0
20
40
60
80
100
CPC1718
Typical On-Resistance vs. Temperature
(I
L=1ADC)
I
F=10mA
Temperature (ºC)
-40
0.11
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
Temperature (ºC)
I
F=10mA
CPC1718
Typical On-Resistance vs. Temperature
(I
L=Max Rated)
Load Voltage (V)
0
10
9
8
7
6
5
4
3
2
1
0
0.03
0.06
0.12
0.15
0.09
0.18
0.21
CPC1718
Typical Load Current vs. Load Voltage
(T
A=25ºC, IF=10mA)
Time
50
45
40
35
30
25
20
15
10
5
0
1ms
10μs 100μs
100ms
10s
10ms
1s
100s
CPC1718
Energy Rating Curve
(Free Air, No Heat Sink)


Similar Part No. - CPC1718J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1718J CLARE-CPC1718J Datasheet
903Kb / 7P
   ISOPLUS??264 DC Power Relay
logo
IXYS Corporation
CPC1718J IXYS-CPC1718J Datasheet
199Kb / 7P
   Low Drive Power Requirements
CPC1718J IXYS-CPC1718J Datasheet
196Kb / 3P
   Power Relay Branding
More results

Similar Description - CPC1718J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1788 CLARE-CPC1788_10 Datasheet
926Kb / 7P
   ISOPLUS??264 DC Power Relay
CPC1709 CLARE-CPC1709 Datasheet
120Kb / 6P
   ISOPLUS??264 DC Power Relay
CPC1727 CLARE-CPC1727 Datasheet
125Kb / 6P
   ISOPLUS??264 DC Power Relay
CPC1779 CLARE-CPC1779 Datasheet
132Kb / 6P
   ISOPLUS??264 DC Power Relay
CPC1788 CLARE-CPC1788 Datasheet
132Kb / 6P
   ISOPLUS??264 DC Power Relay
CPC1709 CLARE-CPC1709_10 Datasheet
899Kb / 7P
   ISOPLUS??264 DC Power Relay
CPC1718 CLARE-CPC1718_10 Datasheet
903Kb / 7P
   ISOPLUS??264 DC Power Relay
CPC1727 CLARE-CPC1727_10 Datasheet
871Kb / 7P
   ISOPLUS??264 DC Power Relay
CPC1779 CLARE-CPC1779_10 Datasheet
890Kb / 7P
   ISOPLUS??264 DC Power Relay
CPC1927 CLARE-CPC1927 Datasheet
127Kb / 6P
   ISOPLUS??264 Power Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com