Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEP-5-3500-D48 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # UEP-5-3500-D48
Description  Single Output UEP Models
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEP-5-3500-D48 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button UEP-5-3500-D48 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UEP-5-3500-D48 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEP-5-3500-D48 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEP-5-3500-D48 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEP-5-3500-D48 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEP-5-3500-D48 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEP-5-3500-D48 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEP-5-3500-D48 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UEP-5-3500-D48 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Short Circuit Condition
When a converter is in current limit mode the output voltages will drop as the
output current demand increases. If the output voltage drops too low, the
magnetically coupled primary side voltages will also drop, thereby shutting
down the PWM controller.
Following a time-out period, the PWM will restart, causing the output voltage to
begin ramping to its appropriate value. If the short-circuit condition persists,
another shutdown cycle will be initiated. This on/off cycling is referred to
as "hiccup" mode. The hiccup cycling reduces the average output current,
thereby preventing internal temperatures from rising to excessive levels. The
UEP is capable of enduring an indefinite short circuit output condition.
Thermal Shutdown
These UEP converters are equipped with Thermal Shutdown Circuitry. If envi-
ronmental conditions cause the internal temperature of the DC/DC converter
rises above the designed operating temperature (typically 118°C case), a
precision temperature sensor will power down the unit. When the internal
temperature decreases below the threshold of the temperature sensor the unit
will self start.
Output Overvoltage Protection
Output voltages are monitored for an overvoltage condition via magnetic
coupling to the primary side. If the output voltage should rise to a level which
could be damaging to the load circuitry, the sensing circuitry will power down
the PWM controller causing the output voltages to decrease. Following a
time-out period the PWM will restart, causing the output voltages to ramp to
their appropriate values. If the fault condition persists, and the output voltage
again climbs to excessive levels, the overvoltage circuitry will initiate another
shutdown cycle. This on/off cycling is referred to as “hiccup” mode.
Ambient Temperature (°C)
Temperature Derating Curves for UEP-3.3/4500 Output Models
17.5
15
12.5
10
7.5
5
2.5
0
–40
0
40
45
50
55
60
65
70
75
80
85
90
95
100
VIN = 18V-27V (D24)
VIN = 36V-48V (D48)
VIN = 18V-30V (D24)
VIN = 36V-60V (D48)
VIN = 12V (D12)
VIN = 18V-36V (D24)
VIN = 36V-75V (D48)
Single Output UEP Models
Ultra-High Density, 2" x 1", 1.2-6 Amp,15-30 Watt DC/DC’s
MDC_UEP Models.A02 Page 6 of 11
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
Typical Performance Curves


Similar Part No. - UEP-5-3500-D48

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UEP0J101MDD NICHICON-UEP0J101MDD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UEP0J101MED.PD NICHICON-UEP0J101MED.PD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UEP0J101MHD NICHICON-UEP0J101MHD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UEP0J102MDD NICHICON-UEP0J102MDD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UEP0J102MED.PD NICHICON-UEP0J102MED.PD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UEP-5-3500-D48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
logo
List of Unclassifed Man...
9171 ETC2-9171 Datasheet
2Mb / 6P
   Single and dual output models with up to 210W output power
logo
E&E Magnetic Products L...
821-00023F EEMAGNETIC-821-00023F Datasheet
120Kb / 3P
   Single through hole models
logo
Wall Industries,Inc.
DCMSPU01H WALL-DCMSPU01H Datasheet
334Kb / 4P
   1 Watt DC/DC Converter Single and Output Models
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
logo
Power-One
ABC40 POWER-ONE-ABC40 Datasheet
556Kb / 4P
   40 W convection cooled, No minimum load required - single output models
logo
List of Unclassifed Man...
BCP-5-3.3-D24 ETC1-BCP-5-3.3-D24 Datasheet
240Kb / 12P
   Dual Output Mixed Voltage, BCP Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com