Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9P936AFLF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9P936AFLF
Description  Low Skew Dual Bank DDR I/II Fan-out Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9P936AFLF Datasheet(HTML) 2 Page - Integrated Device Technology

  9P936AFLF Datasheet HTML 1Page - Integrated Device Technology 9P936AFLF Datasheet HTML 2Page - Integrated Device Technology 9P936AFLF Datasheet HTML 3Page - Integrated Device Technology 9P936AFLF Datasheet HTML 4Page - Integrated Device Technology 9P936AFLF Datasheet HTML 5Page - Integrated Device Technology 9P936AFLF Datasheet HTML 6Page - Integrated Device Technology 9P936AFLF Datasheet HTML 7Page - Integrated Device Technology 9P936AFLF Datasheet HTML 8Page - Integrated Device Technology 9P936AFLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IDTTM/ICSTM
Low Skew Dual Bank DDR I/II Fan-out Buffer
1084C 12/03/09
ICS9P936
Low Skew Dual Bank DDR I/II Fan-out Buffer
2
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
AVDD2.5
PWR
2.5V Analog Power pin for Core PLL
2
AGND
PWR
Analog Ground pin for Core PLL
3
BUF_INT
IN
True Buffer In signal for memory outputs.
4
BUF_INC
IN
Complementary Buffer In signal for memory outputs.
5
DDRT0
OUT
-40
6
DDRC0
OUT
"Complementary" Clock of differential pair output.
7
DDRT1
OUT
"True" Clock of differential pair output.
8
DDRC1
OUT
"Complementary" Clock of differential pair output.
9
GND
PWR
Ground pin.
10
VDDQ2.5/1.8
PWR
Power supply, nominal 2.5V or 1.8V for DDR or DDR 2 outputs respectively
11
FB_OUTT
OUT
True single-ended feedback output, dedicated external feedback. It switches
at the same frequency as other DDR outputs.
12
FB_OUTC
OUT
Complementary single-ended feedback output, dedicated external feedback.
It switches at the same frequency as other DDR outputs.
13
DDRT2
OUT
"True" Clock of differential pair output.
14
DDRC2
OUT
"Complementary" Clock of differential pair output.
15
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
16
SDATA
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
17
DDRC3
OUT
"Complementary" Clock of differential pair output.
18
DDRT3
OUT
"True" Clock of differential pair output.
19
DDRC4
OUT
"Complementary" Clock of differential pair output.
20
DDRT4
OUT
"True" Clock of differential pair output.
21
VDDQ2.5/1.8
PWR
Power supply, nominal 2.5V or 1.8V for DDR or DDR 2 outputs respectively
22
GND
PWR
Ground pin.
23
DDRC5
OUT
"Complementary" Clock of differential pair output.
24
DDRT5
OUT
"True" Clock of differential pair output.
25
AGND
PWR
Analog Ground pin for Core PLL
26
AVDD2.5
PWR
2.5V Analog Power pin for Core PLL
27
VDDQ2.5/1.8
PWR
Power supply, nominal 2.5V or 1.8V for DDR or DDR 2 outputs respectively
28
GND
PWR
Ground pin.


Similar Part No. - 9P936AFLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9P936AFLF RENESAS-9P936AFLF Datasheet
326Kb / 13P
   Low Skew Dual Bank DDR I/II Fan-out Buffer
12/03/09
9P936AFLFT RENESAS-9P936AFLFT Datasheet
326Kb / 13P
   Low Skew Dual Bank DDR I/II Fan-out Buffer
12/03/09
More results

Similar Description - 9P936AFLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9P936 RENESAS-ICS9P936 Datasheet
326Kb / 13P
   Low Skew Dual Bank DDR I/II Fan-out Buffer
12/03/09
logo
Integrated Circuit Syst...
ICS9179-03 ICST-ICS9179-03 Datasheet
298Kb / 10P
   Low Skew Fan Out Buffers
logo
Renesas Technology Corp
ICS9179-03 RENESAS-ICS9179-03 Datasheet
598Kb / 12P
   Low Skew Fan Out Buffers
2019
logo
Integrated Circuit Syst...
ICS95V860 ICST-ICS95V860 Datasheet
85Kb / 10P
   2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
logo
Winbond
W83176R-733 WINBOND-W83176R-733 Datasheet
287Kb / 14P
   Winbond Dual Bank DDR BUFFER For VIA CHIPSET
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS9P935 RENESAS-ICS9P935 Datasheet
330Kb / 14P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
logo
Cypress Semiconductor
CY7C129 CYPRESS-CY7C129 Datasheet
243Kb / 8P
   RAM9 QDR-I/DDR-I/QDR-II/DDR- II Errata
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com