Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

105XB7D Datasheet(PDF) 6 Page - HB Electronic Components

Part # 105XB7D
Description  LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

105XB7D Datasheet(HTML) 6 Page - HB Electronic Components

  105XB7D Datasheet HTML 1Page - HB Electronic Components 105XB7D Datasheet HTML 2Page - HB Electronic Components 105XB7D Datasheet HTML 3Page - HB Electronic Components 105XB7D Datasheet HTML 4Page - HB Electronic Components 105XB7D Datasheet HTML 5Page - HB Electronic Components 105XB7D Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No.:105XB7D
www.ledz.com
6/6
LED SPECIFICATION
Ø Static Electricity/静电
1. Static Electricity or power surge will damage the LED.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
静电或激增电压将损害 LED。
建议使用发光二极管时佩戴手腕带或防静电手套。
2. All production machinery and test instruments must be electrically grounded.
所有的生产机器和检测仪器,必须接地。
3. Maintain a humidity level of 50% or higher in production areas.
生产现场湿度必须保持在50%或者更高。
4. Use anti-static packaging for transport and storage.
使用防静电包装,运输和储存。


Similar Part No. - 105XB7D

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
105XG2D HB-105XG2D Datasheet
115Kb / 6P
   High bright output
105XR2D HB-105XR2D Datasheet
207Kb / 3P
   Single color
105XW7D HB-105XW7D Datasheet
97Kb / 4P
   LED
105XY8D HB-105XY8D Datasheet
138Kb / 3P
   Single color
More results

Similar Description - 105XB7D

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com