Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9UMS9633 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9UMS9633
Description  ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9UMS9633 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9UMS9633 Datasheet HTML 6Page - Integrated Device Technology 9UMS9633 Datasheet HTML 7Page - Integrated Device Technology 9UMS9633 Datasheet HTML 8Page - Integrated Device Technology 9UMS9633 Datasheet HTML 9Page - Integrated Device Technology 9UMS9633 Datasheet HTML 10Page - Integrated Device Technology 9UMS9633 Datasheet HTML 11Page - Integrated Device Technology 9UMS9633 Datasheet HTML 12Page - Integrated Device Technology 9UMS9633 Datasheet HTML 13Page - Integrated Device Technology 9UMS9633 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
IDTTM/ICSTM Ultra Mobile PC Clock for Industrial Temperature Range
1451—01/20/09
ICS9UMS9633BI
ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
10
Advance Information
Clock Periods Differential Outputs with Spread Spectrum Enabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
Lg-
-SSC
-ppm error
0ppm
+ ppm error
+SSC
Lg+
Absolute
Period
Short-term
Average
Long-Term
Average
Period
Long-Term
Average
Short-term
Average
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Nominal
Maximum
Maximum
Maximum
SRC 100
9.87400
9.99900
9.99900
10.00000
10.00100
10.05130
10.17630
ns
1,2
CPU 100
9.91400
9.99900
9.99900
10.00000
10.00100
10.05130
10.13630
ns
1,2
CPU 133
7.41425
7.49925
7.49925
7.50000
7.50075
7.53845
7.62345
ns
1,2
CPU 166
5.91440
5.99940
5.99940
6.00000
6.00060
6.03076
6.11576
ns
1,2
Clock Periods Differential Outputs with Spread Spectrum Disabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
Lg-
-SSC
-ppm error
0ppm
+ ppm error
+SSC
Lg+
Absolute
Period
Short-term
Average
Long-Term
Average
Period
Long-Term
Average
Short-term
Average
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Nominal
Maximum
Maximum
Maximum
SRC 100
9.87400
9.99900
10.00000
10.00100
10.17630
ns
1,2
CPU 100
9.91400
9.99900
10.00000
10.00100
10.13630
ns
1,2
CPU 133
7.41425
7.49925
7.50000
7.50075
7.62345
ns
1,2
CPU 166
5.91440
5.99940
6.00000
6.00060
6.11576
ns
1,2
DOT 96
10.16560
10.41560
10.41670
10.41770
10.66770
ns
1,2
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
Notes
Symbol
Definition
Measurement Window
Units
Measurement Window
Units
Notes
Symbol
Definition
Electrical Characteristics - SMBus Interface
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
SMBus Voltage
V
DD
2.7
3.3
V
1
Low-level Output Voltage
V
OLSMB
@ I
PULLUP
0.4
V
1
Current sinking at
V
OLSMB = 0.4 V
I
PULLUP
SMB Data Pin
4
mA
1
SCLK/SDATA
Clock/Data Rise Time
T
RI2C
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
1
SCLK/SDATA
Clock/Data Fall Time
T
FI2C
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
1
Maximum SMBus Operating
Frequency
F
SMBUS
Block Mode
100
kHz
1
Notes on Electrical Characteristics:
1Guaranteed by design and characterization, not 100% tested in production.
2 Slew rate measured through Vswing centered around differential zero
3 Vxabs is defined as the voltage where CLK = CLK#
4 Only applies to the differential rising edge (CLK rising and CLK# falling)
6 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF is at 14.31818MHz
7 Operation under these conditions is neither implied, nor guaranteed.
5 Defined as the total variation of all crossing voltages of CLK rising and CLK# falling. Matching applies to rising edge rate of CLK and
falling edge of CLK#. It is measured using a +/-75mV window centered on the average cross point where CLK meets CLK#.


Similar Part No. - 9UMS9633

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9UMS9633 IDT-9UMS9633 Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
9UMS9633 IDT-9UMS9633 Datasheet
180Kb / 18P
   ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
Integrated Device Techn...
9UMS9633BFW3LFT IDT-9UMS9633BFW3LFT Datasheet
180Kb / 18P
   ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
logo
Renesas Technology Corp
9UMS9633BKILF RENESAS-9UMS9633BKILF Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
More results

Similar Description - 9UMS9633

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
   ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
logo
Renesas Technology Corp
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
logo
Integrated Device Techn...
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
9LRS3165BI RENESAS-9LRS3165BI Datasheet
619Kb / 29P
   64-pin Industrial Temperature Range CK505 Compatible Clock
01/06/15
logo
IK Semicon Co., Ltd
IN16C1058 IKSEMICON-IN16C1058 Datasheet
434Kb / 66P
   Industrial Temperature Range
logo
Integrated Device Techn...
ICS9ERS3165 IDT-ICS9ERS3165 Datasheet
487Kb / 27P
   Embedded 64-Pin Industrial Temperature Range CK505 Compatible Clock
ICS9ERS3125 IDT-ICS9ERS3125 Datasheet
284Kb / 22P
   Embedded 56-pin Industrial Temperature Range CK505 Compatible Clock
logo
Renesas Technology Corp
9ERS3125 RENESAS-9ERS3125 Datasheet
422Kb / 23P
   Embedded 56-pin Industrial Temperature Range CK505 Compatible Clock
08/19/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com