Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9UMS9633BFILFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9UMS9633BFILFT
Description  ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9UMS9633BFILFT Datasheet(HTML) 2 Page - Integrated Device Technology

  9UMS9633BFILFT Datasheet HTML 1Page - Integrated Device Technology 9UMS9633BFILFT Datasheet HTML 2Page - Integrated Device Technology 9UMS9633BFILFT Datasheet HTML 3Page - Integrated Device Technology 9UMS9633BFILFT Datasheet HTML 4Page - Integrated Device Technology 9UMS9633BFILFT Datasheet HTML 5Page - Integrated Device Technology 9UMS9633BFILFT Datasheet HTML 6Page - Integrated Device Technology 9UMS9633BFILFT Datasheet HTML 7Page - Integrated Device Technology 9UMS9633BFILFT Datasheet HTML 8Page - Integrated Device Technology 9UMS9633BFILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
IDTTM/ICSTM Ultra Mobile PC Clock for Industrial Temperature Range
1451—01/20/09
ICS9UMS9633BI
ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
2
Advance Information
SSOP Pin Description
PIN #
PIN NAME
TYPE
DESCRIPTION
1
REF
OUT
14.318 MHz reference clock.
2
GNDREF
PWR Ground pin for the REF outputs.
3
VDDCORE_3.3
PWR 3.3V power for the PLL core
4FSC_L
IN
Low threshold input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values.
5TEST_MODE
IN
TEST_MODE is a real time input to select between Hi-Z and REF/N divider mode
while in test mode. Refer to Test Clarification Table.
6
TEST_SEL
IN
TEST_SEL: latched input to select TEST MODE
1 = All outputs are tri-stated for test
0 = All outputs behave normally.
7
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
8
SDATA
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
9
VDDCORE_3.3
PWR 3.3V power for the PLL core
10
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
11
DOT96C_LPR
OUT
Complement clock of low power differential pair for 96.00MHz DOT clock. No 50ohm
resistor to GND needed. No Rs needed.
12
DOT96T_LPR
OUT
True clock of low power differential pair for 96.00MHz DOT clock. No 50ohm resistor
to GND needed. No Rs needed.
13
GNDDOT
PWR Ground pin for DOT clock output
14
GNDLCD
PWR Ground pin for LCD clock output
15
LCD100C_LPR
OUT
Complement clock of low power differential pair for LCD100 SS clock. No 50ohm
resistor to GND needed. No Rs needed.
16
LCD100T_LPR
OUT
True clock of low power differential pair for LCD100 SS clock. No 50ohm resistor to
GND needed. No Rs needed.
17
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
18
VDDCORE_3.3
PWR 3.3V power for the PLL core
19
*CR#0
IN
Clock request for SRC0, 0 = enable, 1 = disable
20
GNDSRC
PWR Ground pin for the SRC outputs
21
SRCC0_LPR
OUT
Complementary clock of differential 0.8V push-pull SRC output with integrated 33ohm
series resistor. No 50ohm resistor to GND needed.
22
SRCT0_LPR
OUT
True clock of differential 0.8V push-pull SRC output with integrated 33ohm series
resistor. No 50ohm resistor to GND needed.
23
*CR#1
IN
Clock request for SRC1, 0 = enable, 1 = disable
24
VDDCORE_3.3
PWR 3.3V power for the PLL core


Similar Part No. - 9UMS9633BFILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9UMS9633BFW3LFT IDT-9UMS9633BFW3LFT Datasheet
180Kb / 18P
   ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
More results

Similar Description - 9UMS9633BFILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
   ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
logo
Renesas Technology Corp
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
logo
Integrated Device Techn...
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
9LRS3165BI RENESAS-9LRS3165BI Datasheet
619Kb / 29P
   64-pin Industrial Temperature Range CK505 Compatible Clock
01/06/15
logo
IK Semicon Co., Ltd
IN16C1058 IKSEMICON-IN16C1058 Datasheet
434Kb / 66P
   Industrial Temperature Range
logo
Integrated Device Techn...
ICS9ERS3165 IDT-ICS9ERS3165 Datasheet
487Kb / 27P
   Embedded 64-Pin Industrial Temperature Range CK505 Compatible Clock
ICS9ERS3125 IDT-ICS9ERS3125 Datasheet
284Kb / 22P
   Embedded 56-pin Industrial Temperature Range CK505 Compatible Clock
logo
Renesas Technology Corp
9ERS3125 RENESAS-9ERS3125 Datasheet
422Kb / 23P
   Embedded 56-pin Industrial Temperature Range CK505 Compatible Clock
08/19/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com