Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9UMS9633 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 9UMS9633
Description  ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9UMS9633 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 9UMS9633 Datasheet HTML 4Page - Integrated Device Technology 9UMS9633 Datasheet HTML 5Page - Integrated Device Technology 9UMS9633 Datasheet HTML 6Page - Integrated Device Technology 9UMS9633 Datasheet HTML 7Page - Integrated Device Technology 9UMS9633 Datasheet HTML 8Page - Integrated Device Technology 9UMS9633 Datasheet HTML 9Page - Integrated Device Technology 9UMS9633 Datasheet HTML 10Page - Integrated Device Technology 9UMS9633 Datasheet HTML 11Page - Integrated Device Technology 9UMS9633 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
IDTTM/ICSTM Ultra Mobile PC Clock for Automotive use
1425A—09/02/09
ICS9UMS9633BW
ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
8
Datasheet
Table 1: CPU Frequency Select Table
FSLC
1
FSLB
1
CPU
MHz
SRC
MHz
DOT
MHz
LCD
MHz
REF
MHz
0
0
133.33
0
1
166.67
1
0
100.00
11
66.67
1. FS
LC is a low-threshold input.Please see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
100.00
96.00
100.00
14.318
Table 2: LCD Spread Select Table (Pin 20/21)
B1b5
B1b4
B1b3
Spread
%
Comment
0
0
0
-0.5%
LCD100
0
0
1
-1%
LCD100
0
1
0
-2%
LCD100
0
1
1
-2.5%
LCD100
1
0
0
+/- 0.25%
LCD100
1
0
1
+/-0.5%
LCD100
1
1
0
+/-1%
LCD100
1
1
1
+/-1.25%
LCD100
0
1
Enable
Running Running
1
X
Enable
Low/20K
Low
0
0
Enable
High
Low
0X
Disable
Low/20K
Low
0
0
Enable
Running Running
Running
Running
1
X
X
Low/20K
Low
Low/20K
Low
0
1
Enable
Low/20K
Low
Running
Running
0X
Disable
Low/20K
Low
Low/20K
Low
REF Power Management Table
0
Enable
Running
1
X
Low
0
Disable
Low
REF
PD
SMBus Register
OE
DOT/LCD DOT#/LCD#
PD
CR_x#
SMBus Register
OE
SRC
SRC#
SRC, LCD, DOT Power Management Table
CPU Power Management Table
PD
CPU_STOP#
SMBus Register
OE
CPU
CPU#
Table 3: CPU N-step Programming
CPU
(MHz)
P
Default N
(hex)
133.33
3
64
166.67
3
7D
100.00
4
64
200.00
2
64
= 4MHz x N/P
= 4MHz x N/P
Fcpu
= 4MHz x N/P
= 4MHz x N/P


Similar Part No. - 9UMS9633

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9UMS9633 IDT-9UMS9633 Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
9UMS9633 IDT-9UMS9633 Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
Integrated Device Techn...
9UMS9633BFILFT IDT-9UMS9633BFILFT Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
logo
Renesas Technology Corp
9UMS9633BKILF RENESAS-9UMS9633BKILF Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
More results

Similar Description - 9UMS9633

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
logo
Integrated Device Techn...
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
Silicon Laboratories
SL28610 SILABS-SL28610 Datasheet
277Kb / 23P
   Low Power Clock Generator for Intel짰 Ultra Mobile Platform
logo
Rohm
BU2279F ROHM-BU2279F Datasheet
48Kb / 2P
   Clock generator for PC
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
logo
NIHON DEMPA KOGYO
2725N NDK-2725N_18 Datasheet
857Kb / 1P
   For notebook PC, mobile information terminal, and PC card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com