Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79RV3041-33J Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 79RV3041-33J
Description  INTEGRATED RISController??FOR LOW-COST SYSTEMS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79RV3041-33J Datasheet(HTML) 1 Page - Integrated Device Technology

  79RV3041-33J Datasheet HTML 1Page - Integrated Device Technology 79RV3041-33J Datasheet HTML 2Page - Integrated Device Technology 79RV3041-33J Datasheet HTML 3Page - Integrated Device Technology 79RV3041-33J Datasheet HTML 4Page - Integrated Device Technology 79RV3041-33J Datasheet HTML 5Page - Integrated Device Technology 79RV3041-33J Datasheet HTML 6Page - Integrated Device Technology 79RV3041-33J Datasheet HTML 7Page - Integrated Device Technology 79RV3041-33J Datasheet HTML 8Page - Integrated Device Technology 79RV3041-33J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
COMMERCIAL TEMPERATURE RANGE
December 2008
©1996 Integrated Device Technology, Inc.
DSC-2905/5
IDT79R3041
INTEGRATED RISControllerFOR
LOW-COST SYSTEMS
IDT79R3041
IDT79RV3041
FEATURES:
• Instruction
set
compatible
with
IDT79R3000A
and RISController Family MIPS RISC CPUs
• High level of integration minimizes system cost
— RISC CPU
— Multiply/divide unit
— Instruction Cache
— Data Cache
— Programmable bus interface
— Programmable port width support
• On-chip instruction and data caches
— 2KB of Instruction Cache
— 512B of Data Cache
• Flexible bus interface allows simple, low-cost designs
— Superset pin-compatible with RISController
— Adds programmable port width interface
(8-, 16-, and 32-bit memory sub-regions)
— Adds programmable bus interface timing support
(Extended address hold, Bus turn around time,
Read/write masks)
• Double-frequency clock input
• 16.67MHz, 20MHz, 25MHz and 33MHz operation
• 20MIPS at 25MHz
• Low cost 84-pin PLCC packaging
• On-chip 4-deep write buffer eliminates memory write stalls
• On-chip 4-word read buffer supports burst or simple block
reads
• On-chip DMA arbiter
• On-chip 24-bit timer
• Boot from 8-bit, 16-bit, or 32-bit wide PROMs
• Pin- and software-compatible family includes R3041, R3051,
R3052, and R3081
• Complete software support
— Optimizing compilers
— Real-time operating systems
— Monitors/debuggers
— Floating Point emulation software
— Page Description Languages
Figure 1. R3041 Block Diagram
Clock
Generator
Unit
Master Pipeline Control
System Control
Coprocessor
Integer
CPU Core
Exception/Control
Registers
Bus Interface
Registers
General Registers
(32 x 32)
ALU
Shifter
Mult/Div Unit
Address Adder
PC Control
Virtual Address
Data
Cache
512B
Instruction
Cache
2kB
Physical Address Bus
BIU
Control
DMA
Arbiter
4-deep
Read
Buffer
4-deep
Write
Buffer
ClkIn
Int(5:3), SInt(2:0)
32
32
SBrCond(3:2)
Data Bus
Address/
Data
DMA
Ctrl
Rd/Wr
Ctrl
SysClk
PortSize
Register
Counter
Registers
TC
R3051 Superset
Bus Interface Unit
Data
Unpack
Unit
Data
Pack
Unit
Timing/ Interface
Control
2905 drw 01
1
Integrated Device Technology, Inc.
RISController, R3041, R3051, R3052, R3081, ORION, IDT/sim, and IDT/kit are trademarks, and the IDT logo is a registered trademark of Integrated Device Technology, Inc.


Similar Part No. - 79RV3041-33J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
79RV4640-100DU IDT-79RV4640-100DU Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
79RV4640-100DUG IDT-79RV4640-100DUG Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
79RV4640-100DUGI IDT-79RV4640-100DUGI Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
79RV4640-100DUI IDT-79RV4640-100DUI Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
79RV4640-100DZ IDT-79RV4640-100DZ Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
More results

Similar Description - 79RV3041-33J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R4650 IDT-IDT79R4650 Datasheet
533Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
IDT79RC4650 IDT-IDT79RC4650 Datasheet
659Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
logo
Renesas Technology Corp
IDT79RC4640 RENESAS-IDT79RC4640 Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
logo
Integrated Device Techn...
IDT79R4640 IDT-IDT79R4640 Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RC4640 IDT-IDT79RC4640_08 Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
logo
Intersil Corporation
HC5503 INTERSIL-HC5503 Datasheet
774Kb / 17P
   Low Cost 24V SLIC For PABX / Key Systems
logo
Renesas Technology Corp
HC5503 RENESAS-HC5503 Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
Freescale Semiconductor...
MC68LC302AF20CT FREESCALE-MC68LC302AF20CT Datasheet
575Kb / 6P
   Low Cost Integrated Multiprotocol Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com