Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4624DZG8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # AS4624DZG8
Description  0.5廓 LOW VOLTAGE, SINGLE SPDT ANALOG SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AS4624DZG8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button AS4624DZG8 Datasheet HTML 2Page - Integrated Device Technology AS4624DZG8 Datasheet HTML 3Page - Integrated Device Technology AS4624DZG8 Datasheet HTML 4Page - Integrated Device Technology AS4624DZG8 Datasheet HTML 5Page - Integrated Device Technology AS4624DZG8 Datasheet HTML 6Page - Integrated Device Technology AS4624DZG8 Datasheet HTML 7Page - Integrated Device Technology AS4624DZG8 Datasheet HTML 8Page - Integrated Device Technology AS4624DZG8 Datasheet HTML 9Page - Integrated Device Technology AS4624DZG8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
IDTAS4624
0.5
Ω LOW VOLTAGE, SINGLE SPDT ANALOG SWITCH
ANALOG SWITCH
IDT™ 0.5
Ω LOW VOLTAGE, SINGLE SPDT ANALOG SWITCH
6
IDTAS4624
REV D 081209
Electrical Characteristics, +5 V Supply (Note 1)
Unless stated otherwise, V+ = 5 V ±10%, GND = 0, VIH = +2.4 V, VIL = +0.8 V, TA = TMIN to TMAX. Typical values are at +3 V and +25°C
Parameter
Symbol
Conditions
TA
Min.
Typ.
Max.
Units
Analog Switch
Analog Signal Range
VNO, VNC, VCOM
0V+
V
On-Resistance
RON
V+ = 4.5 V, ICOM = 100 mA,
VNC or VNO = 3.5 V
+25°C
0.65
1
TMIN to TMAX
1.2
On-Resistance Match
between channels
RON
V+ = 4.5 V, ICOM = 100 mA,
VNC or VNO = 3.5 V
+25°C
0.6
0.12
TMIN to TMAX
0.15
On-Resistance Flatness
RFLAT(ON)
V+ = 4.5 V, ICOM = 100 mA,
VNC or VNO = 0V, 1 V, 2 V, Note 3
+25°C
0.8
0.12
TMIN to TMAX
0.15
NO or NC Off-leakage Current
INO(OFF) or
INC(OFF)
V+ = 5.5 V, VNO or VNC = 1 V, 4.5 V
VCOM = 1 V, 4.5 V
+25°C
-2
0.01
+2
nA
TMIN to TMAX
-20
+20
COM On-leakage Current
ICOM(ON)
V+ = 5.5 V, VNO or VNC = 1 V,
4.5 V, or floating
VCOM = 1 V, 4.5 V
+25°C
-4
0.3
+4
nA
TMIN to TMAX
-40
+40
Overcurrent-Protection
Current Threshold
TA = +25°C
1.2
A
Dynamic Characteristics
Turn-on Time
tON
VNO or VNC = 3 V
+25°C
40
50
ns
TMIN to TMAX
60
Turn-off Time
tOFF
VNO or VNC = 3 V
+25°C
40
50
ns
TMIN to TMAX
60
Break-Before-Make-Delay
tBBM
Note 4
+25°C
1
20
ns
TMIN to TMAX
1
Charge Injection
Q
VGEN = 0, RGEN = 0, CL = 1 nF
+25°C
200
pC
Off-Isolation
OIRR
CL = 5 pF; RL = 50Ω, f = 1 MHz
+25°C
-64
dB
Crosstalk
VCT
CL = 5 pF; RL = 50Ω, f = 1 MHz,
Note 5
+25°C
-68
dB
NC or NO Off-Capacitance
COFF
f = 1 MHz
+25°C
37
pF
COM On-Capacitance
CCOM(ON)
f = 1 MHz
+25°C
190
pF


Similar Part No. - AS4624DZG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AS4684AAHG IDT-AS4684AAHG Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
AS4684AAHG8 IDT-AS4684AAHG8 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
AS4684AHG IDT-AS4684AHG Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
AS4684AHG8 IDT-AS4684AHG8 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Willow Technologies Ltd
AS46D4E WILLOW-AS46D4E Datasheet
319Kb / 4P
   4A to 460 Vac SIP Package
More results

Similar Description - AS4624DZG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTAS3699A IDT-IDTAS3699A Datasheet
256Kb / 13P
   0.5廓 LOW VOLTAGE, QUAD SPDT ANALOG SWITCH
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684 Datasheet
609Kb / 12P
   0.5廓 Low-Voltage Dual SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699 Datasheet
445Kb / 10P
   0.5廓, Low Voltage Quad, SPDT Analog Switch
logo
Texas Instruments
LMS4684 TI1-LMS4684 Datasheet
991Kb / 19P
[Old version datasheet]   LMS4684 0.5廓 Low-Voltage, Dual SPDT Analog Switch
logo
Shenzhen Huazhimei Semi...
HM5223 HMSEMI-HM5223 Datasheet
637Kb / 8P
   Ultra-Low 0.5廓 Dual SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4711 AITSEMI-A4711 Datasheet
471Kb / 10P
   SINGLE SPDT ANALOG SWITCH 2.7廓, LOW-VOLTAGE
REV1.1
A4711 AITSEMI-A4711_V01 Datasheet
234Kb / 10P
   SINGLE SPDT ANALOG SWITCH 2.7廓, LOW-VOLTAGE
REV2.0
A4712 AITSEMI-A4712 Datasheet
487Kb / 11P
   DUAL SPDT ANALOG SWITCH 0.4廓 NC AND 0.5廓 NO, LOW-VOLTAGE, SINGLE-SUPPLY
REV1.2
A4722 AITSEMI-A4722 Datasheet
519Kb / 14P
   QUAD SPDT ANALOG SWITCH 0.5 廓L,OW VOLTAGE
REV2.0
logo
National Semiconductor ...
LMS4684 NSC-LMS4684 Datasheet
255Kb / 10P
   0.5 Low-Voltage, Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com