Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79R4640-267DUI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 79R4640-267DUI
Description  Low-Cost Embedded 64-bit RISController w/ DSP Capability
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79R4640-267DUI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 79R4640-267DUI Datasheet HTML 5Page - Integrated Device Technology 79R4640-267DUI Datasheet HTML 6Page - Integrated Device Technology 79R4640-267DUI Datasheet HTML 7Page - Integrated Device Technology 79R4640-267DUI Datasheet HTML 8Page - Integrated Device Technology 79R4640-267DUI Datasheet HTML 9Page - Integrated Device Technology 79R4640-267DUI Datasheet HTML 10Page - Integrated Device Technology 79R4640-267DUI Datasheet HTML 11Page - Integrated Device Technology 79R4640-267DUI Datasheet HTML 12Page - Integrated Device Technology 79R4640-267DUI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9 of 23
December 5, 2008
IDT79RC4640™
Data Sheet Revision History
Changes to version dated December 1995:
Features:
– Added 32-bit bus interface info
– Deleted items from low-power operation descriptions.
Hardware Overview:
– Added detailed descriptions of features.
– Changed Boot Time Mode Stream table values for mode bit
12.
DC Electrical Characteristics:
– The CIN and COUT values have been changed.
AC Electrical Characteristics:
– In System Interface Parameters tables (RC4640 and
RV4640), Data Setup and Data Hold minimums changed.
Valid Combinations:
– List of valid combinations has been corrected.
Changes to version dated March 1997:
Features:
– Added preliminary 150 MHz operation frequency
Thermal Considerations:
– Added thermally enhanced packaging (“DU”) and drop-in heat
spreader information.
– Upgraded 80 to 133MHz speed grade specs to “final.”
Changes to version dated May 1997:
Features:
– Added 180 MHz spreader information
– Eliminated 80 MHz
Changes to version dated March 1998:
Features:
– Added 200MHz operating frequency
Changes to version dated April 1998:
Features:
– Added 400MB/sec bandwidth reference
Power Consumption (RV4640):
– Upgraded System Condition Icc active parameters
Changes to version dated July 1999:
– Corrected several incorrect references to tables and figures.
Changes to version dated March 2000
– Replaced existing figure in Mode Configuration Interface
Reset Sequence section with 3 reset figures.
– Revised values in System Interface Parameters table.
Changes to version dated July 2000
– Revised package information in the Thermal Considerations
section, Physical Specifications section, Ordering Information
section, and the Valid Combinations section.
Changes to version dated April 2001
– In the Data Output and Data Output Hold categories of the
System Interface Parameters tables, changed values in the
Min column for all speeds from 1.0 and 2.0 to 0.
Changes to version dated June 2006
– Added Green PQFP package for 133MHz DUG on Order Page.
Changes to version dated December 2008
– Removed IDT from ordering codes on Ordering Information
page.
Figure 4 RC4640 Block Write Request
MasterClock
SysAD
Addr
Data0
Data1
Data6
Data7
SysCmd
ValidOut
ValidIn
RdRdy
WrRdy
Release
Write
CData
CData
CData
CEOD


Similar Part No. - 79R4640-267DUI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79R4640100DU RENESAS-79R4640100DU Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
79R4640100DUG RENESAS-79R4640100DUG Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
79R4640100DUGI RENESAS-79R4640100DUGI Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
79R4640100DUI RENESAS-79R4640100DUI Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
79R4640100DZ RENESAS-79R4640100DZ Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
More results

Similar Description - 79R4640-267DUI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79RC4640 RENESAS-IDT79RC4640 Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
logo
Integrated Device Techn...
IDT79R4640 IDT-IDT79R4640 Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79R4650 IDT-IDT79R4650 Datasheet
533Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
IDT79RC4650 IDT-IDT79RC4650 Datasheet
659Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041 IDT-IDT79R3041_08 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
Analog Devices
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com