Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79R4640-267DZI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 79R4640-267DZI
Description  Low-Cost Embedded 64-bit RISController w/ DSP Capability
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79R4640-267DZI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 79R4640-267DZI Datasheet HTML 4Page - Integrated Device Technology 79R4640-267DZI Datasheet HTML 5Page - Integrated Device Technology 79R4640-267DZI Datasheet HTML 6Page - Integrated Device Technology 79R4640-267DZI Datasheet HTML 7Page - Integrated Device Technology 79R4640-267DZI Datasheet HTML 8Page - Integrated Device Technology 79R4640-267DZI Datasheet HTML 9Page - Integrated Device Technology 79R4640-267DZI Datasheet HTML 10Page - Integrated Device Technology 79R4640-267DZI Datasheet HTML 11Page - Integrated Device Technology 79R4640-267DZI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8 of 23
December 5, 2008
IDT79RC4640™
If the conditions are not correct when the WAIT instruction finishes the
W pipe-stage (i.e. the SysAd bus is not idle), the WAIT is treated as a
NOP.
Once the CPU is in Standby Mode, any interrupt, including the inter-
nally generated timer interrupt, will cause the CPU to exit Standby
Mode.
Thermal Considerations
The RC4640 utilizes special packaging techniques to improve the
thermal properties of high-speed processors. The RV4640 is packaged
using cavity-up packaging in a 128-pin thermally enhanced PQFP
package (“DU”) with a drop-in heat spreader, for devices with low peak
power. The R4640 utilizes the PQFP package for higher power
consumption devices (the “DZ” package), which is an all-aluminum
package with the die attached to a normal copper lead frame mounted to
the aluminum casing.
Due to the heat-spreading effect of the aluminum, the PQFP
package allows for an efficient thermal transfer between the die and the
case. The aluminum offers less internal resistance from one end of the
package to the other, reducing the temperature gradient across the
package and therefore presenting a greater area for convection and
conduction to the PCB for a given temperature. Even nominal amounts
of air flow will dramatically reduce the junction temperature of the die,
resulting in cooler operation. The PQFP package is pin and socket
compatible with the 128-pin QFP package.
The R4640 and the RV4640 are guaranteed in a case temperature
range of 0
°C to +85°C for commercial temperature parts and the
RV4640 in a case temperature range of -40
°C to +85°C for industrial
temperature parts. The type of package, speed (power) of the device,
and air flow conditions affect the equivalent ambient temperature condi-
tions that will meet this specification.
The equivalent allowable ambient temperature, TA, can be calculated
using the thermal resistance from case to ambient (
CA) of the given
package. The following equation relates ambient and case tempera-
tures:
TA = TC - P *
CA
where P is the maximum power consumption at hot temperature,
calculated by using the maximum ICC specification for the device.
Typical values for
CA at various air flows are shown in Table 5.
Note that the RC4640 implements advanced power management to
substantially reduce the average power dissipation of the device. This
operation is described in the IDT79RC4640/ IDT79RC4650 RISC
Processor Hardware User’s Manual.
CA
Airflow (ft/min) 0 200 400 600 800 1000
128 PQFP (DU)
17
9
7543
128 PQFP (DZ)
20
12
9.5
8
7
6.5
Table 5 Thermal Resistance (
∅CA) at Various Airflows
Figure 3 RC4640 Block Read Request
MasterClock
SysAD
Addr
Data0
Data1
Data6
Data7
SysCmd
Read
CData
CData
CData
CEOD
ValidOut
ValidIn
RdRdy
WrRdy
Release


Similar Part No. - 79R4640-267DZI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79R4640100DU RENESAS-79R4640100DU Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
79R4640100DUG RENESAS-79R4640100DUG Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
79R4640100DUGI RENESAS-79R4640100DUGI Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
79R4640100DUI RENESAS-79R4640100DUI Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
79R4640100DZ RENESAS-79R4640100DZ Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
More results

Similar Description - 79R4640-267DZI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79RC4640 RENESAS-IDT79RC4640 Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
logo
Integrated Device Techn...
IDT79R4640 IDT-IDT79R4640 Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79R4650 IDT-IDT79R4650 Datasheet
533Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
IDT79RC4650 IDT-IDT79RC4650 Datasheet
659Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041 IDT-IDT79R3041_08 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
Analog Devices
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com