Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ5160K-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNQ5160K-E
Description  Quad channel high side driver for automotive applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ5160K-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNQ5160K-E Datasheet HTML 4Page - STMicroelectronics VNQ5160K-E Datasheet HTML 5Page - STMicroelectronics VNQ5160K-E Datasheet HTML 6Page - STMicroelectronics VNQ5160K-E Datasheet HTML 7Page - STMicroelectronics VNQ5160K-E Datasheet HTML 8Page - STMicroelectronics VNQ5160K-E Datasheet HTML 9Page - STMicroelectronics VNQ5160K-E Datasheet HTML 10Page - STMicroelectronics VNQ5160K-E Datasheet HTML 11Page - STMicroelectronics VNQ5160K-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Electrical specifications
VNQ5160K-E
8/30
Doc ID 13349 Rev 6
2.2
Thermal data
2.3
Electrical characteristics
8V<VCC<36V; -40°C< Tj <150°C, unless otherwise specified
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
- 55 to 150
°C
Table 4.
Absolute maximum ratings (continued)
Symbol
Parameter
Value
Unit
Table 5.
Thermal data
Symbol
Parameter
Max. value
Unit
Rthj-case
Thermal resistance junction-case
(with one channel on)
8°C/W
Rthj-amb
Thermal resistance junction-ambient
See Figure 32.
°C/W
Table 6.
Power section
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VCC
Operating supply voltage
4.5
13
36
V
VUSD
Undervoltage shutdown
3.5
4.5
V
VUSDhyst
Undervoltage shutdown
hysteresis
0.5
V
RON
On-state resistance(1)
1.
For each channel.
IOUT=1A; Tj=25°C
IOUT=1A; Tj=150°C
IOUT=1A; VCC=5V; Tj=25°C
160
320
210
m
Ω
m
Ω
m
Ω
Vclamp
Clamp voltage
IS=20 mA
41
46
52
V
IS
Supply current
Off-state; VCC=13V; VIN=VOUT=0V;
Tj=25°C
On-state; VIN=5V; VCC=13V;
IOUT=0A
2(2)
8
2.
PowerMOS leakage included.
5(2)
14
μA
mA
IL(off1)
Off-state output current(1)
VIN=VOUT=0V; VCC=13V; Tj=25°C
VIN=VOUT=0V; VCC=13V; Tj=125°C
0
0
0.01
3
5
μA
μA
IL(off2)
Off-state output current(1) VIN=0V; VOUT=4V
-75
0
μA
VF
Output - VCC diode
voltage(1)
-IOUT=0.6A; Tj=150°C
0.7
V


Similar Part No. - VNQ5160K-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
More results

Similar Description - VNQ5160K-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
   Quad channel high side driver for automotive applications
VNQ5050K-E STMICROELECTRONICS-VNQ5050K-E Datasheet
108Kb / 13P
   QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
VNQ5E050K-E STMICROELECTRONICS-VNQ5E050K-E Datasheet
602Kb / 34P
   Quad channel high side driver for automotive applications
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E_09 Datasheet
606Kb / 34P
   Quad channel high side driver for automotive applications
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
   Single channel high side driver for automotive applications
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
   Single channel high side driver for automotive applications
VNQ7140AJ-E STMICROELECTRONICS-VNQ7140AJ-E Datasheet
1Mb / 48P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
VNQ5E160AK-E STMICROELECTRONICS-VNQ5E160AK-E Datasheet
684Kb / 37P
   Quad channel high side driver with analog current sense for automotive applications
VNQ5027AK-E STMICROELECTRONICS-VNQ5027AK-E Datasheet
449Kb / 31P
   Quad channel high side driver with analog current sense for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com