Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1218 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1218
Description  4-Pin SIP OptoMOS짰 Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1218 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1218 Datasheet HTML 1Page - Clare, Inc. CPC1218 Datasheet HTML 2Page - Clare, Inc. CPC1218 Datasheet HTML 3Page - Clare, Inc. CPC1218 Datasheet HTML 4Page - Clare, Inc. CPC1218 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1218
www.clare.com
3
R04
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
0.54
0.56
0.60
0.58
0.66
0.62
0.64
CPC1218
Typical On-Resistance Distribution
(T
A=25ºC, IL=100mA, VIN=5V)
On-Resistance (
Ω)
35
30
25
20
15
10
5
0
63.5
64.5
65.5
66.5
64.0
65.0
66.0
Blocking Voltage (V
P)
CPC1218
Typical Blocking Voltage Distribution
(T
A=25ºC)
1.55
1.65
1.75
1.5
1.6
1.7
1.8
Input Voltage (V)
25
20
15
10
5
0
CPC1218
Typical Input Voltage for Switch Operation
(T
A=25ºC, IL=100mA)
25
20
15
10
5
0
1.55
1.65
1.75
1.5
1.6
1.7
1.8
Input Voltage (V)
CPC1218
Typical V
OFF for Switch Dropout
(T
A=25ºC, IL=100mA)
0.41
0.45
0.49
0.53
0.43
0.47
0.51
Turn-On (ms)
25
20
15
10
5
0
CPC1218
Typical Turn-On Time
(T
A=25ºC, IL=100mA, VIN=5V)
0.19
0.21
0.23
0.25
0.24
0.22
0.20
Turn-Off (ms)
25
20
15
10
5
0
CPC1218
Typical Turn-Off Time
(T
A=25ºC, IL=100mA, VIN=5V)
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
V
IN
=5V
V
IN
=10V
CPC1218
Typical Maximum Load Current
vs. Temperature
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1218
Typical Leakage vs. Temperature
(Measured Across Pins 1 & 4)
(V
L=Max Rated)
-40
72
70
68
66
64
62
60
58
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1218
Typical Blocking Voltage
vs. Temperature
V
IN = 5V
V
IN = 10V
-40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1218
Typical Turn-On vs. Temperature
(I
L=100mA)
-40
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
-20
0
20
40
60
80
100
V
IN = 5V
V
IN = 10V
Temperature (ºC)
CPC1218
Typical Turn-Off vs. Temperature
(I
L=100mA)
Input Voltage (V)
0
510
15
20
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
CPC1218
Typical Turn-On vs. Input Voltage
(I
L=100mA)


Similar Part No. - CPC1218

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1218 IXYS-CPC1218 Datasheet
107Kb / 6P
   Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
logo
Clare, Inc.
CPC1218Y CLARE-CPC1218Y Datasheet
161Kb / 5P
   4-Pin SIP OptoMOS Relay
logo
IXYS Corporation
CPC1218Y IXYS-CPC1218Y Datasheet
107Kb / 6P
   Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
More results

Similar Description - CPC1218

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1217 CLARE-CPC1217 Datasheet
109Kb / 5P
   4-Pin SIP OptoMOS짰 Relay
CPC1219 CLARE-CPC1219 Datasheet
112Kb / 5P
   4-Pin SIP OptoMOS짰 Relay
CPC1706 CLARE-CPC1706 Datasheet
124Kb / 6P
   4-Pin OptoMOS짰 DC Power SIP Relay
CPC1906 CLARE-CPC1906_10 Datasheet
117Kb / 6P
   Power SIP OptoMOS짰 Relay
CPC1983 CLARE-CPC1983 Datasheet
114Kb / 6P
   OptoMOS짰 Power SIP Relay
CPC1916 CLARE-CPC1916_10 Datasheet
116Kb / 6P
   OptoMOS짰 Power SIP Relay
CPC1926 CLARE-CPC1926_10 Datasheet
117Kb / 6P
   OptoMOS짰 Power SIP Relay
CPC1981 CLARE-CPC1981_11 Datasheet
110Kb / 6P
   OptoMOS짰 Power SIP Relay
CPC1150N CLARE-CPC1150N_1 Datasheet
112Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1117N CLARE-CPC1117N_1 Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com