Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WDBR2 Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # WDBR2
Description  Ultra low profile thick-film on steel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WDBR2 Datasheet(HTML) 3 Page - Welwyn Components Limited

  WDBR2 Datasheet HTML 1Page - Welwyn Components Limited WDBR2 Datasheet HTML 2Page - Welwyn Components Limited WDBR2 Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ultra Low Profile Power Resistors
WDBR Series
WDBR resistors may be customised in various ways including:
Alternative shapes and dimensions up to 406mm x 406mm
Integration of temperature measurement elements
Alternative ohmic values, tolerance & TCR
Increased dielectric withstand voltage
Custom braking resistors with UL approval
For a full Applications Note for dynamic braking see http://www.welwyn-tt.com/pdf/application_notes/WDBR.pdf
Overload conditions
Ordering Procedure
Example: WDBR2 at 100 ohms and 10% tolerance with flying leads and packed in a box of 84 pieces:
W D B R 2 – 1 0 0 R K L W
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
K
10%
Termination
I
Solder pad only
L
Flying leads
T
Push-on connectors
Packing
WDBR1/2,1&2
84/box
WDBR3
70/box
W
Bulk
Pack
WDBR5&7
60/box
Standard
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability
10/08
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
©Welwyn Components Limited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
Maximum Single Overload Power
0.1
1
10
100
0.01
0.1
1
10
100
Duration of Overload (s)
Single Overload Energy Capacity
0.01
0.1
1
10
100
0.01
0.1
1
10
100
Duration of Overload (s)
WDBR1/2
WDBR1
WDBR2
WDBR3
WDBR5
WDBR7
WDBR1/2
WDBR1
WDBR2
WDBR3
WDBR5
WDBR7


Similar Part No. - WDBR2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WDBR2 ETC2-WDBR2 Datasheet
373Kb / 4P
   Ultra Low Profile Power Resistors
More results

Similar Description - WDBR2

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TC010PA OHMITE-TC010PA Datasheet
89Kb / 1P
   PECOS Resistors Thick Film on Porcelainized Steel Substrate
TC025PA5R00JE OHMITE-TC025PA5R00JE Datasheet
89Kb / 1P
   PECOS Resistors Thick Film on Porcelainized Steel Substrate
RES-MC1RD OHMITE-RES-MC1RD Datasheet
176Kb / 1P
   Thick film on Alumina
logo
TAITRON Components Inco...
RA05103G-XX-BL TAITRON-RA05103G-XX-BL Datasheet
328Kb / 4P
   Thick Film Low Profile Resistor Network
logo
KOA Speer Electronics, ...
UR73D2BTTD10L0F KOA-UR73D2BTTD10L0F Datasheet
992Kb / 2P
   THICK FILM (LOW RESISTANCE)
logo
Bi technologies
T81331J BITECH-T81331J Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
logo
RCD COMPONENTS INC.
HDP220P-R010JB RCD-HDP220P-R010JB Datasheet
84Kb / 1P
   POWER THICK FILM ON STEEL RESISTORS TO126, TO220, and TO247, 25 to 100 WATT
logo
Ohmite Mfg. Co.
TA203PA4K50KE OHMITE-TA203PA4K50KE Datasheet
129Kb / 1P
   Power Chip Thick Film on Alumina Substrate
TA810PW100RJE OHMITE-TA810PW100RJE Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
logo
Bourns Electronic Solut...
CR-PF BOURNS-CR-PF Datasheet
223Kb / 7P
   CR-PF Series Ultra-Low Lead Content Thick Film Resistor
REV. 07/20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com