Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1230N Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1230N
Description  4 Pin SOP OptoMOS짰 Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1230N Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1230N_1 Datasheet HTML 1Page - Clare, Inc. CPC1230N_1 Datasheet HTML 2Page - Clare, Inc. CPC1230N_1 Datasheet HTML 3Page - Clare, Inc. CPC1230N_1 Datasheet HTML 4Page - Clare, Inc. CPC1230N_1 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
CPC1230N
R07
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings (@ 25˚C)
Parameter
Ratings
Units
Blocking Voltage (Peak)
350
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation
70
mW
Total Power Dissipation 1
400
mW
Capacitance Input to Output
1
pF
Isolation Voltage, Input to Output
1500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 3.33 mw / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current
Continuous 1
-I
L
120
mA
Peak
t=10ms
I
LPK
-
-
350
On-Resistance 2
I
L=120mA
R
ON
-25
30
Ω
Off-State Leakage Current
V
L=350V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
ON
--
2
ms
Turn-Off
t
OFF
--
1
Output Capacitance
50V; f=1MHz
C
OUT
-25
-
pF
Input Characteristics @ 25°C
Input Control Current 3
I
L=120mA
I
F
-
0.8
2
mA
Input Dropout Current
-
I
F
0.3
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
1
Load current derates linearly from 120mA @ 25oC to 80mA @ 85oC.
2
Measurement taken within 1 second of on time.
3
For applications requiring high temperature operation (greater than 60°C) an LED drive current of 4mA is recomended.
Electrical Characteristics


Similar Part No. - CPC1230N_1

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1230NTR CLARE-CPC1230NTR Datasheet
180Kb / 6P
   4 Pin SOP OptoMOS Relay
logo
IXYS Corporation
CPC1230NTR IXYS-CPC1230NTR Datasheet
167Kb / 6P
   350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results

Similar Description - CPC1230N_1

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1150N CLARE-CPC1150N_1 Datasheet
112Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1117N CLARE-CPC1117N_1 Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1035N CLARE-CPC1035N_1 Datasheet
112Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1002N CLARE-CPC1002N_1 Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1008N CLARE-CPC1008N_1 Datasheet
127Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1014N CLARE-CPC1014N Datasheet
114Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1019N CLARE-CPC1019N Datasheet
114Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1225N CLARE-CPC1225N Datasheet
114Kb / 5P
   4 Pin SOP OptoMOS짰 Relay
CPC1004N CLARE-CPC1004N_1 Datasheet
112Kb / 5P
   4 Pin SOP OptoMOS짰 Relay
CPC1009N CLARE-CPC1009N Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com