Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79RV4640-133DZI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 79RV4640-133DZI
Description  Low-Cost Embedded 64-bit RISController w/ DSP Capability
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79RV4640-133DZI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 79RV4640-133DZI Datasheet HTML 7Page - Integrated Device Technology 79RV4640-133DZI Datasheet HTML 8Page - Integrated Device Technology 79RV4640-133DZI Datasheet HTML 9Page - Integrated Device Technology 79RV4640-133DZI Datasheet HTML 10Page - Integrated Device Technology 79RV4640-133DZI Datasheet HTML 11Page - Integrated Device Technology 79RV4640-133DZI Datasheet HTML 12Page - Integrated Device Technology 79RV4640-133DZI Datasheet HTML 13Page - Integrated Device Technology 79RV4640-133DZI Datasheet HTML 14Page - Integrated Device Technology 79RV4640-133DZI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11 of 23
December 5, 2008
IDT79RC4640™
Pin Description
The following is a list of interface, interrupt, and miscellaneous pins available on the RC4640. Pin names ending with an asterisk (*) identify pins
that are active when low.
Pin
Name
Type
Description
System Bus Interface
ExtRqst*
Input
External request
Signals that the system interface needs to submit an external request.
Release*
Output
Release interface
Signals that the processor is releasing the system interface to slave state
RdRdy*
Input
Read Ready
Signals that an external agent can now accept a processor read.
WrRdy*
Input
Write Ready
Signals that an external agent can now accept a processor write request.
ValidIn*
Input
Valid Input
Signals that an external agent is now driving a valid address or data on the SysAD bus and a valid command or data identifier on the
SysCmd bus.
ValidOut*
Output
Valid output
Signals that the processor is now driving a valid address or data on the SysAD bus and a valid command or data identifier on the
SysCmd bus.
SysAD(31:0)
Input/Output System address/data bus
A 32-bit address and data bus for communication between the processor and an external agent.
SysADC(3:0)
Input/Output System address/data check bus
A 4-bit bus containing parity check bits for the SysAD bus during data bus cycles.
SysCmd(8:0)
Input/Output System command/data identifier bus
A 9-bit bus for command and data identifier transmission between the processor and an external agent.
SysCmdP
Input/Output Reserved system command/data identifier bus parity
For the RC4640 this signal is unused on input and zero on output.
Clock/Control interface
MasterClock
Input
Master clock
Master clock input used as the system interface reference clock. All output timings are relative to this input clock. Pipeline operation
frequency is derived by multiplying this clock up by the factor selected during boot initialization.
VCCP
Input
Quiet VCC for PLL
Quiet VCC for the internal phase locked loop.
VSSP
Input
Quiet VSS for PLL
Quiet VSS for the internal phase locked loop.
Interrupt interface
Int*(5:0)
Input
Interrupt
Six general processor interrupts, bit-wise OR’ d with bits 5:0 of the interrupt register.
NMI*
Input
Non-maskable interrupt
Non-maskable interrupt, OR’d with bit 6 of the interrupt register.
Initialization interface
VCCOk
Input
VCC is OK
When asserted, this signal indicates to the RC4640 that the power supply has been above Vcc minimum for more than 100 millisec-
onds and will remain stable. The assertion of VCCOk initiates the reading of the boot-time mode control serial stream.


Similar Part No. - 79RV4640-133DZI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RV4640100DU RENESAS-79RV4640100DU Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
79RV4640100DUG RENESAS-79RV4640100DUG Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
79RV4640100DUGI RENESAS-79RV4640100DUGI Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
79RV4640100DUI RENESAS-79RV4640100DUI Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
79RV4640100DZ RENESAS-79RV4640100DZ Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
More results

Similar Description - 79RV4640-133DZI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79RC4640 RENESAS-IDT79RC4640 Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
logo
Integrated Device Techn...
IDT79R4640 IDT-IDT79R4640 Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79R4650 IDT-IDT79R4650 Datasheet
533Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
IDT79RC4650 IDT-IDT79RC4650 Datasheet
659Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041 IDT-IDT79R3041_08 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
Analog Devices
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com