Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1317 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1317
Description  Single-Pole OptoMOS짰 Relay With Bidirectional Transient Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1317 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1317 Datasheet HTML 1Page - Clare, Inc. CPC1317 Datasheet HTML 2Page - Clare, Inc. CPC1317 Datasheet HTML 3Page - Clare, Inc. CPC1317 Datasheet HTML 4Page - Clare, Inc. CPC1317 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC1317-R03
1
CPC1317
Single-Pole OptoMOS® Relay With
Bidirectional Transient Protection
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC1317P
8-Pin Flatpack (50/tube)
CPC1317PTR
8-Pin Flatpack (1000/reel)
Parameter
Rating
Units
Blocking Voltage
70
V
P
Load Current
150
mA
Max On-Resistance
16
Ω
LED Current to Operate
1
mA
Applications
Features
Description
Ordering Information
Pin Configuration
Security
Sensor Circuitry
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Aerospace
Industrial Controls
100% Solid State
Low Drive Power Requirements
(TTL/CMOS Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
3750V
rms Input/Output Isolation
No EMI/RFI Generation
Machine Insertable, Wave Solderable
The CPC1317 is a single-pole normally open
(1-Form-A) solid state relay with bi-directional
transient voltage suppressor (TVS) relay protection,
which is designed to meet the requirements of
EN50130-4 (installation class 3).
The relay output is constructed with efficient
MOSFET switches and photovoltaic die that use
Clare's patented OptoMOS architecture. The input,
a highly efficient GaAlAS infrared LED, controls the
optically coupled output.
The CPC1317 is available in an 8-pin, space-saving
surface-mount package.
Switching Characteristics of
Normally Open (Form A) Devices
Control
I
LOAD
10%
90%
t
ON
+
+
t
OFF
Approvals
UL Recognized Component: File # E76270
EN/IEC 60950 Compliant
CSA Certified Component: Certificate # 1172007
Transient Protection Characteristics
Peak Pulse Power
V
WM
600W
40.2V
1
2
3
4
8
7
6
5
+ Control
– Control
TVS +/-
TVS -/+
Load
Load


Similar Part No. - CPC1317

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1317 IXYS-CPC1317 Datasheet
121Kb / 6P
   Single-Pole OptoMOS? Relay With Bidirectional Transient Protection
More results

Similar Description - CPC1317

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1335 CLARE-CPC1335 Datasheet
117Kb / 5P
   Single Pole OptoMOS짰 Relay with Bi-directional Transient Protection
logo
IXYS Corporation
CPC1317 IXYS-CPC1317 Datasheet
121Kb / 6P
   Single-Pole OptoMOS? Relay With Bidirectional Transient Protection
logo
Clare, Inc.
CPC1393 CLARE-CPC1393 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
LCA717 CLARE-LCA717 Datasheet
127Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1394 CLARE-CPC1394 Datasheet
130Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1390 CLARE-CPC1390 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1330 CLARE-CPC1330 Datasheet
122Kb / 6P
   Single Pole OptoMOS짰 Relay
LCB716 CLARE-LCB716 Datasheet
126Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1020N CLARE-CPC1020N Datasheet
113Kb / 5P
   Single Pole OptoMOS짰 Relay
OMA160 CLARE-OMA160_1 Datasheet
317Kb / 5P
   Single Pole OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com