Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC3714C Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC3714C
Description  N-Channel Depletion-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC3714C Datasheet(HTML) 1 Page - Clare, Inc.

  CPC3714C Datasheet HTML 1Page - Clare, Inc. CPC3714C Datasheet HTML 2Page - Clare, Inc. CPC3714C Datasheet HTML 3Page - Clare, Inc. CPC3714C Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.clare.com
DS-CPC3714C-R00A.5
1
CPC3714C
N-Channel Depletion-Mode
Vertical DMOS FETs
Part #
Description
CPC3714C
SOT-89 (100/Tube)
CPC3714CTR
SOT-89 (2000/Reel)
BV
DSX/
BV
DGX
R
DS(ON)
(max)
I
DSS (min)
Package
350V
14Ω
240mA
SOT-89
Applications
Features
Description
Ordering Information
Package Pinout
Ignition modules
Normally-on switches
Solid state relays
Converters
Telecommunications
Power supply
Depletion mode device offers low R
DS(ON) at cold
temperatures
Low on resistance 14 ohms max. at 25ºC
High input impedance
High breakdown voltage 350V
Low V
GS(off) voltage -1.6 to -3.9V
Small package size SOT-89
The CPC3714C is an N-channel depletion mode field
effect transistor (FET) that utilizes Clare’s proprietary
third generation vertical DMOS process. Third
generation process realizes world class, high voltage
MOSFET performance in an economical silicon gate
process. Our vertical DMOS process yields a robust
device for high power applications with high input
impedance. The CPC3714C is a highly reliable FET
device that has been used extensively in Clare’s solid
state relays for industrial and telecommunications
applications.
This device excels in power applications requiring
low drain-source resistance, particularly in cold
environments such as automotive ignition modules.
The CPC3714C offers a low 14 ohm maximum on-
state resistance at 25ºC.
The CPC3714C has a minimum breakdown voltage of
350V and is available in an SOT-89 package. As with
all MOS devices, the FET structure prevents thermal
runaway and thermal-induced secondary breakdown.
(SOT-89)
G
D
S
D
Switching Waveform
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
OUTPUT
D.U.T.
t(ON)
td(ON)
t(OFF)
td(OFF)
tF
tr
INPUT
INPUT
OUTPUT
0V
VDD
Rgen
0V
-10V
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
OUTPUT
D.U.T.
t(ON)
td(ON)
t(OFF)
td(OFF)
tF
tr
INPUT
INPUT
OUTPUT
0V
VDD
Rgen
0V
-10V
Test Circuit


Similar Part No. - CPC3714C

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC3714C CLARE-CPC3714C Datasheet
130Kb / 5P
   N-Channel Depletion-Mode FET
logo
IXYS Corporation
CPC3714C IXYS-CPC3714C Datasheet
119Kb / 5P
   Depletion-Mode FET
logo
Clare, Inc.
CPC3714CTR CLARE-CPC3714CTR Datasheet
130Kb / 5P
   N-Channel Depletion-Mode FET
logo
IXYS Corporation
CPC3714CTR IXYS-CPC3714CTR Datasheet
119Kb / 5P
   Depletion-Mode FET
More results

Similar Description - CPC3714C

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN3545 SUTEX-DN3545 Datasheet
102Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2640 SUTEX-DN2640 Datasheet
43Kb / 2P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN3145 SUTEX-DN3145_07 Datasheet
393Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2625 SUTEX-DN2625 Datasheet
881Kb / 7P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2535 SUTEX-DN2535 Datasheet
90Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN3125 SUTEX-DN3125 Datasheet
66Kb / 2P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2535 SUTEX-DN2535_07 Datasheet
730Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2540 SUTEX-DN2540_07 Datasheet
814Kb / 8P
   N-Channel Depletion-Mode Vertical DMOS FETs
DN2624 SUTEX-DN2624 Datasheet
54Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
logo
Clare, Inc.
CPC3730C CLARE-CPC3730C Datasheet
392Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
logo
Supertex, Inc
DN2530 SUTEX-DN2530 Datasheet
87Kb / 4P
   N-Channel Depletion-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com