Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5621 Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC5621
Description  LITELINK짰 III Phone Line Interface IC (DAA)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5621 Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC5621 Datasheet HTML 2Page - Clare, Inc. CPC5621 Datasheet HTML 3Page - Clare, Inc. CPC5621 Datasheet HTML 4Page - Clare, Inc. CPC5621 Datasheet HTML 5Page - Clare, Inc. CPC5621 Datasheet HTML 6Page - Clare, Inc. CPC5621 Datasheet HTML 7Page - Clare, Inc. CPC5621 Datasheet HTML 8Page - Clare, Inc. CPC5621 Datasheet HTML 9Page - Clare, Inc. CPC5621 Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CPC5620/CPC5621
6
www.clare.com
R04
2. Application Circuits
LITELINK can be used with telephone networks
worldwide. Some public telephone networks, notably
in North America and Japan require resistive line
termination. Other telephone networks, as in Europe
and elsewhere, require a reactive line termination.
The application circuits below address both line
termination models. The reactive termination
application circuit (see Figure 4 on page 8) describes the
TBR-21 implementation. This circuit can be adapted
easily for other reactive termination needs.
2.1 Resistive Termination Application Circuit
Figure 3. Resistive Termination Application Circuit Schematic
¹This design was tested and found to comply with FCC Part 68 with this
Sidactor. Other compliance requirements may require a different part.
²Higher-noise power supplies may require substitution of a 220
μH inductor,
Toko 380HB-2215 or similar. See the Power Quality section of Clare
application note AN-146, Guidelines for Effective LITELINK Designs for
more information.
³Optional for enhanced transhybrid loss.
4Use voltage ratings based on the isolation requirements of your application.
+
-
OH
RING
TX+
RX+
TX-
RX-
3.3 or 5V
C13
C14
C2
C4
R1
(RTX)
80.6K
R23 2
10
BR-
BR-
BR-
TIP
RING
U1
LITELINK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VDD
TXSM
TX-
TX+
TX
GND
RX-
RX+
SNP+
SNP-
RXF
RX
MODE
OH
RING
CID
REFL
TXF
ZTX
ZNT
TXSL
BR-
NTS
GAT
NTF
DCS1
DCS2
ZDC
BR-
RPB
RXS
VDDL
DB1
SP1 1
BR-
BR-
A
A
A
C9
0.1μ
C16
10μ
FB1
600 Ω
200 mA
C1
(RTXF)
60.4K
5%
(RHTF)
200K
R13
(RNTS)
1M
5%
C10
0.01μ
500V
R15
1.69M
R20
2
6.49M
(RDCS1A)
6.49 M
(CDCS)
0.027μ
(RRXF)
130K
R3
1.5M
C7
(CSNP-)
4
220pF
C8
220pF
(RSNP-2)
1.8M
1.8M
1.8M
1.8M
R4
68.1
BR-
NOTE: Unless otherwise noted:
Resistor values are in Ohms
All resistors are 1%.
Capacitor values are in Farads.
R14
(RGAT)
47
Q1
CPC5602C
(CGAT)
(RZDC)
3
8.2
R10
301
R18
3.32K
C18
15p 3
R12
499K
(RNTF)
BR-
BR-
C15
0.01μ
500V
221K
(RNTX)
261K
0.1μ
0.1μ
0.1μ
0.1μ
R16
R8
R5
R75
BR-
C21
100p
R76
R22
R21
C12
R6
R44
R7
R45
(RSNP-1)
(RSNP+2)
(RSNP+1)
(RSNPD)
(RDCS1B)
(RHTX)
(RZNT)
(RZTX)
(RPB)
(RDCS2)
(RVDDL)
BR-
(CSNP+)
4
R2
CID


Similar Part No. - CPC5621

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5621 CLARE-CPC5621 Datasheet
786Kb / 18P
   LITELINK III Phone Line Interface IC (DAA)
logo
IXYS Corporation
CPC5621 IXYS-CPC5621 Datasheet
519Kb / 18P
   3.3 or 5 V power supply operation
logo
Clare, Inc.
CPC5621A CLARE-CPC5621A Datasheet
786Kb / 18P
   LITELINK III Phone Line Interface IC (DAA)
logo
IXYS Corporation
CPC5621A IXYS-CPC5621A Datasheet
519Kb / 18P
   3.3 or 5 V power supply operation
logo
Clare, Inc.
CPC5621ATR CLARE-CPC5621ATR Datasheet
786Kb / 18P
   LITELINK III Phone Line Interface IC (DAA)
More results

Similar Description - CPC5621

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5622 CLARE-CPC5622 Datasheet
728Kb / 18P
   LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
   LITELINK III Phone Line Interface IC (DAA)
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
   Phone Line Interface IC (DAA)
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N_1 Datasheet
361Kb / 10P
   Phone Line Monitor (PLM) IC
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
logo
Agilent(Hewlett-Packard...
HCPL-810J HP-HCPL-810J Datasheet
320Kb / 16P
   PLC Powerline DAA IC
logo
Fujitsu Component Limit...
MB4752A FUJITSU-MB4752A Datasheet
652Kb / 11P
   SUBSCRIBER LINE INTERFACE IC
logo
Sharp Corporation
IR3N81A SHARP-IR3N81A Datasheet
358Kb / 10P
   Speaker Phone IC
logo
Superworld Electronics
W1225F-492J SUPERWORLD-W1225F-492J Datasheet
277Kb / 8P
   PHONE LINE FILTER
W6420F-701K-F10 SUPERWORLD-W6420F-701K-F10 Datasheet
205Kb / 8P
   PHONE LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com