Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5710NTR Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC5710NTR
Description  Phone Line Monitor (PLM) IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5710NTR Datasheet(HTML) 5 Page - Clare, Inc.

  CPC5710NTR Datasheet HTML 1Page - Clare, Inc. CPC5710NTR Datasheet HTML 2Page - Clare, Inc. CPC5710NTR Datasheet HTML 3Page - Clare, Inc. CPC5710NTR Datasheet HTML 4Page - Clare, Inc. CPC5710NTR Datasheet HTML 5Page - Clare, Inc. CPC5710NTR Datasheet HTML 6Page - Clare, Inc. CPC5710NTR Datasheet HTML 7Page - Clare, Inc. CPC5710NTR Datasheet HTML 8Page - Clare, Inc. CPC5710NTR Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CPC5710N
R02
www.clare.com
5
2. Using CPC5710N
2.1 LIN/CMP Input
The LIN/CMP input selects the active output, either
the detector output CMPOUT or the linear outputs,
LINOUT- and LINOUT+. Set LIN/CMP low for linear
output and high for comparator output. Note that both
outputs cannot be used at once.
With LIN/CMP at logic low (LIN/CMP = 0), the
amplifier outputs are biased at a nominal 1VDC and
CMPOUT is held high. With LIN/CMP at logic high
(LIN/CMP = 1), LINOUT+ is 0V and LINOUT- is 2V.
Figure 2. LIN/CMP Timing for Caller-ID Signal
Reception
2.2 Amplifier Design
Considerations
Amplifier inputs are biased at a nominal 1.25VDC, the
internal voltage reference. The internal common-mode
circuitry maintains the average of the inputs at
1.25VDC. For example, if one input reaches 1.3V, the
common-mode circuit drives the other input to 1.2V.
2.2.1 Linear Amplifier Gain
Display feature information (caller ID) and voice
signals are coupled through the linear amplifier. In
North America, CID data signals are typically sent
between the first and second ringing signal burst.
Referring to Figure 6., signal gain from tip and ring to
LINOUT+ and LINOUT- is determined by:
where
ƒ is the frequency of the signal.
Clare Application Note AN-117 Customize Caller ID Gain
and Ringing Detect Voltage Threshold is a spreadsheet for
trying different component values in this type of circuit.
2.3 Detector Considerations
2.3.1 Ringing Signal Detection
The CPC5710N detector is a full-wave configuration.
Ringing signals will assert the output on both positive
and negative parts of the ringing waveform. Hysteresis
is employed by the internal comparator circuit to
provide noise immunity. The set-up of the detector
causes CMPOUT output pulses to remain low for most
of the ringing signal positive and negative half-cycles.
CMPOUT returns high when the ringing signal is near
the zero-voltage crossing.
Figure 3. CMPOUT Relative to Input
2.3.2 Setting Ringing Detection Threshold
The ringing detection threshold depends on the
component values of the input network. The values for
these components shown in the application circuit are
recommended for typical operation. Referring to
Figure 6., the ringing detection threshold can be
changed according to the following formula:
Caller ID data
LIN/CMP
Signal levels not to scale
2s
500 ms
3s
475 ms
2s
GAINCID dB
()
20
6RSNPD
4RSNP RSNPD
+
()
2
1
πfCSNP
()
2
--------------------------
+
-----------------------------------------------------------------------------------------
log
=
CMPOUT
Ringing Signal
VRINGPK
750mV
RRSNPD
-------------------


4RSNP RSNPD
+
()
2
1
πfRINGCSNP
()
2
--------------------------------------
+
=


Similar Part No. - CPC5710NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5710NTR CLARE-CPC5710NTR Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
logo
IXYS Corporation
CPC5710NTR IXYS-CPC5710NTR Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
More results

Similar Description - CPC5710NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
CPC5712 CLARE-CPC5712 Datasheet
388Kb / 11P
   Phone Line Monitor with Detectors (PLMD)
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
   Phone Line Interface IC (DAA)
logo
Clare, Inc.
CPC5622 CLARE-CPC5622 Datasheet
728Kb / 18P
   LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620 CLARE-CPC5620_1 Datasheet
725Kb / 17P
   LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
   LITELINK III Phone Line Interface IC (DAA)
logo
Sharp Corporation
IR3N81A SHARP-IR3N81A Datasheet
358Kb / 10P
   Speaker Phone IC
logo
Superworld Electronics
W1225F-492J SUPERWORLD-W1225F-492J Datasheet
277Kb / 8P
   PHONE LINE FILTER
W6420F-701K-F10 SUPERWORLD-W6420F-701K-F10 Datasheet
205Kb / 8P
   PHONE LINE FILTER
W4420F-252M-F10 SUPERWORLD-W4420F-252M-F10 Datasheet
210Kb / 8P
   PHONE LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com